Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2686EWS+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2686EWS+T
Description  GPS/GNSS Low-Noise Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2686EWS+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2686EWS+T Datasheet HTML 1Page - Maxim Integrated Products MAX2686EWS+T Datasheet HTML 2Page - Maxim Integrated Products MAX2686EWS+T Datasheet HTML 3Page - Maxim Integrated Products MAX2686EWS+T Datasheet HTML 4Page - Maxim Integrated Products MAX2686EWS+T Datasheet HTML 5Page - Maxim Integrated Products MAX2686EWS+T Datasheet HTML 6Page - Maxim Integrated Products MAX2686EWS+T Datasheet HTML 7Page - Maxim Integrated Products MAX2686EWS+T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
GPS/GNSS Low-Noise Amplifiers
2
VCC to GND..........................................................-0.3V to +3.6V
Other Pins to GND ...............-0.3V to (+ Operating VCC + 0.3V)
Maximum RF Input Power ............................................... +5dBm
Continuous Power Dissipation (TA = +70°C)
4-Bump WLP (derates 9.7mW/°C above +70°C) ........776mW
Maximum Current into RF Input .........................................10mA
Operating Temperature Range.......................... -40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range............................ -65°C to +160°C
Lead Temperature (soldering, 10s) ........Reflow Profile (Note 1)
Soldering Temperature (reflow) ......................................+260°C
DC ELECTRICAL CHARACTERISTICS
(MAX2686/MAX2688 EV kit, VCC = 1.6V to 3.3V, TA = -40NC to +85NC, no RF signals are applied. Typical values are at VCC = 2.85V
and TA = +25NC, unless otherwise noted.) (Note 2)
AC ELECTRICAL CHARACTERISTICS
(MAX2686/MAX2688 EV kit, VCC = 1.6V to 3.3V, TA = -40NC to +85NC, fRFIN = 1575.42MHz. Typical values are at VCC = 2.85V and
TA = +25NC, unless otherwise noted.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
Note 1: Refer to Application Note 1891: Wafer-Level Packaging (WLP) and Its Applications.
CAUTION! ESD SENSITIVE DEVICE
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
1.6
2.85
3.3
V
Supply Current
SHDN = high
MAX2686
4.1
mA
MAX2688
4.1
Shutdown mode, SHDN = low
10
µA
Digital Input Logic-High
(Note 3)
1.2
V
Digital Input Logic-Low
(Note 3)
0.45
V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency
L1 band
1575.42
MHz
Power Gain
VCC = 2.85V (Note 4)
MAX2686
14.7
19
dB
MAX2688
11.9
15.4
VCC = 1.6V
MAX2686
14.4
18.9
MAX2688
11.6
15.3
Noise Figure
VCC = 1.6V to 3.3V
MAX2686
0.75
dB
MAX2688
0.8
In-Band 3rd-Order Input
Intercept Point
(Note 5)
MAX2686
-3
dBm
MAX2688
+4
Out-of-Band 3rd-Order Input
Intercept Point
(Note 6)
MAX2686
0
dBm
MAX2688
+7
Input 1dB Compression Point
(Note 7)
MAX2686
-10
dBm
MAX2688
-6
Input Return Loss
8.5
dB


Similar Part No. - MAX2686EWS+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2686L MAXIM-MAX2686L Datasheet
1Mb / 10P
   GPS/GNSS Low-Noise Amplifiers with Integrated LDO
Rev 0; 3/12
MAX2686L MAXIM-MAX2686L Datasheet
1Mb / 11P
   1.6V to 4.2V Single-Supply Operation
Rev 0; 3/16
MAX2686LEVKIT MAXIM-MAX2686LEVKIT Datasheet
1Mb / 11P
   1.6V to 4.2V Single-Supply Operation
Rev 0; 3/16
MAX2686LEVKIT# MAXIM-MAX2686LEVKIT# Datasheet
1Mb / 11P
   1.6V to 4.2V Single-Supply Operation
Rev 0; 3/16
MAX2686LEWS+T MAXIM-MAX2686LEWS+T Datasheet
1Mb / 10P
   GPS/GNSS Low-Noise Amplifiers with Integrated LDO
Rev 0; 3/12
More results

Similar Description - MAX2686EWS+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2687 MAXIM-MAX2687 Datasheet
1Mb / 11P
   GPS/GNSS Low-Noise Amplifiers
Rev 1; 5/12
MAX2657 MAXIM-MAX2657 Datasheet
425Kb / 8P
   GPS/GNSS Low-Noise Amplifiers
Rev 0; 9/09
MAX2686L MAXIM-MAX2686L Datasheet
1Mb / 10P
   GPS/GNSS Low-Noise Amplifiers with Integrated LDO
Rev 0; 3/12
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
   GPS/GNSS Low-Noise Amplifier
2021
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
   GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
Skyworks Solutions Inc.
SKY65605-21 SKYWORKS-SKY65605-21 Datasheet
393Kb / 7P
   BDS/GPS/GNSS Low-Noise Amplifier
SKY65605 SKYWORKS-SKY65605_21 Datasheet
190Kb / 2P
   BDS-GPS-GNSS Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com