Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP2302 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2302
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2302 Datasheet HTML 3Page - Analog Devices ADP2302 Datasheet HTML 4Page - Analog Devices ADP2302 Datasheet HTML 5Page - Analog Devices ADP2302 Datasheet HTML 6Page - Analog Devices ADP2302 Datasheet HTML 7Page - Analog Devices ADP2302 Datasheet HTML 8Page - Analog Devices ADP2302 Datasheet HTML 9Page - Analog Devices ADP2302 Datasheet HTML 10Page - Analog Devices ADP2302 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADP2302/ADP2303
Rev. 0 | Page 7 of 28
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
5
8
11
14
17
20
VIN (V)
Figure 10. ADP2302 Line Regulation, VOUT = 3.3 V, IOUT = 2 A
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
5
8
11
14
17
20
VIN (V)
Figure 11. ADP2303 Line Regulation, VOUT = 3.3 V , IOUT = 3 A
0
5
10
15
20
25
30
35
40
45
50
2468
10
12
14
16
18
20
VIN (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 12. Shutdown Current vs. VIN
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
0.5
1.0
1.5
2.0
OUTPUT CURRENT (A)
Figure 13. ADP2302 Load Regulation, VOUT = 3.3V, VIN = 12 V
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
Figure 14. ADP2303 Load Regulation, VOUT = 3.3 V, VIN = 12 V
500
550
600
650
700
750
800
850
900
2
4
6
8
10
12
14
16
18
20
VIN (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 15. Quiescent Current vs. VIN


Similar Part No. - ADP2302

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2302 AD-ADP2302 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
ADP2302 AD-ADP2302 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
ADP2302-EVALZ AD-ADP2302-EVALZ Datasheet
984Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
ADP2302ARDZ AD-ADP2302ARDZ Datasheet
984Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
ADP2302ARDZ-2.5 AD-ADP2302ARDZ-2.5 Datasheet
984Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
More results

Similar Description - ADP2302

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2302 AD-ADP2302_12 Datasheet
984Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
ADP2300AUJZ-R7 AD-ADP2300AUJZ-R7 Datasheet
608Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2300 AD-ADP2300 Datasheet
690Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
ADP2301AUJZ-R7 AD-ADP2301AUJZ-R7 Datasheet
608Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
logo
Texas Instruments
TPS65268-Q1 TI1-TPS65268-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   4-V to 8-V, 3-A, 2-A, 2-A Triple Synchronous Step-Down Converter
logo
STMicroelectronics
ST1S10 STMICROELECTRONICS-ST1S10 Datasheet
787Kb / 26P
   3 A, 900 kHz, monolithic synchronous step-down regulator
logo
Analog Devices
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
logo
Monolithic Power System...
MP2235S MPS-MP2235S Datasheet
1Mb / 19P
   High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
logo
Texas Instruments
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com