Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9650 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9650
Description  16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9650 Datasheet HTML 6Page - Analog Devices AD9650 Datasheet HTML 7Page - Analog Devices AD9650 Datasheet HTML 8Page - Analog Devices AD9650 Datasheet HTML 9Page - Analog Devices AD9650 Datasheet HTML 10Page - Analog Devices AD9650 Datasheet HTML 11Page - Analog Devices AD9650 Datasheet HTML 12Page - Analog Devices AD9650 Datasheet HTML 13Page - Analog Devices AD9650 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD9650
Rev. 0 | Page 10 of 44
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
Table 6.
Parameter
Rating
Electrical1
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to AGND
−0.3 V to +2.0 V
VIN+A/VIN+B, VIN−A/VIN−B to AGND
−0.3 V to AVDD + 0.2 V
CLK+, CLK− to AGND
−0.3 V to AVDD + 0.2 V
SYNC to AGND
−0.3 V to AVDD + 0.2 V
VREF to AGND
−0.3 V to AVDD + 0.2 V
SENSE to AGND
−0.3 V to AVDD + 0.2 V
VCM to AGND
−0.3 V to AVDD + 0.2 V
RBIAS to AGND
−0.3 V to AVDD + 0.2 V
CSB to AGND
−0.3 V to DRVDD + 0.2 V
SCLK/DFS to AGND
−0.3 V to DRVDD + 0.2 V
SDIO/DCS to AGND
−0.3 V to DRVDD + 0.2 V
OEB
−0.3 V to DRVDD + 0.2 V
PDWN
−0.3 V to DRVDD + 0.2 V
D0A/D0B Through D15A/D15B to
AGND
−0.3 V to DRVDD + 0.2 V
DCOA/DCOB to AGND
−0.3 V to DRVDD + 0.2 V
Environmental
Operating Temperature Range
(Ambient)
−40°C to +85°C
Maximum Junction Temperature
Under Bias
150°C
Storage Temperature Range
(Ambient)
−65°C to +150°C
The exposed paddle must be soldered to the ground plane for
the LFCSP package. Soldering the exposed paddle to the PCB
increases the reliability of the solder joints and maximizes the
thermal capability of the package.
Typical θJA is specified for a 4-layer PCB with a solid ground
plane. As shown in Table 7, airflow improves heat dissipation,
which reduces θJA. In addition, metal in direct contact with the
package leads from metal traces, through holes, ground, and
power planes reduces θJA.
Table 7. Thermal Resistance
Package Type
Airflow
Velocity (m/sec)
θJA1,2
θJC1,3
θJB1,4
Unit
0
18.5
1.0
°C/W
1.0
16.1
9.2
°C/W
64-Lead LFCSP
(CP-64-6)
2.5
14.5
°C/W
1 Per JEDEC 51-7, plus JEDEC 25-5 2S2P test board.
2 Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3 Per MIL-STD 883, Method 1012.1.
4 Per JEDEC JESD51-8 (still air).
ESD CAUTION
1 The inputs and outputs are rated to the supply voltage (AVDD or DRVDD) +
0.2 V but should not exceed 2.1 V.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - AD9650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9650-EP AD-AD9650-EP Datasheet
252Kb / 12P
   Dual 16-Bit, 105 MSPS, 1.8 V Analog-to-Digital Converter
AD9650USVZ-105EP AD-AD9650USVZ-105EP Datasheet
252Kb / 12P
   Dual 16-Bit, 105 MSPS, 1.8 V Analog-to-Digital Converter
AD9650USVZR7-105EP AD-AD9650USVZR7-105EP Datasheet
252Kb / 12P
   Dual 16-Bit, 105 MSPS, 1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com