Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3003-04XTG Datasheet(PDF) 8 Page - Littelfuse

Part # SP3003-04XTG
Description  Low Capacitance ESD Protection Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003-04XTG Datasheet(HTML) 8 Page - Littelfuse

  SP3003-04XTG Datasheet HTML 1Page - Littelfuse SP3003-04XTG Datasheet HTML 2Page - Littelfuse SP3003-04XTG Datasheet HTML 3Page - Littelfuse SP3003-04XTG Datasheet HTML 4Page - Littelfuse SP3003-04XTG Datasheet HTML 5Page - Littelfuse SP3003-04XTG Datasheet HTML 6Page - Littelfuse SP3003-04XTG Datasheet HTML 7Page - Littelfuse SP3003-04XTG Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
72
Revised: August 19, 2010
©2010 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
SPA™ Silicon Protection Array Products
Low Capacitance ESD Protection Array
SP3003 Lead-Free/Green Series
Embossed Carrier Tape & Reel Specification - MSOP-10
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
5.40
5.60
0.213
0.220
D
1.50
1.60
0.059
0.063
D1
1.50 Min
0.059 Min
P0
3.90
4.10
0.154
0.161
10P0
40.0+/- 0.20
1.574+/-0.008
W
11.90
12.10
0.469
0.476
P
7.90
8.10
0.311
0.319
A0
5.20
5.40
0.205
0.213
B0
3.20
3.40
0.126
0.134
K0
1.20
1.40
0.047
0.055
t
0.30 +/- 0.05
0.012+/- 0.002


Similar Part No. - SP3003-04XTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003-04XTG LITTELFUSE-SP3003-04XTG Datasheet
152Kb / 1P
   Some Ethernet ports only need be protected for ESD and not for lightning induced transients
SP3003-04XTG LITTELFUSE-SP3003-04XTG Datasheet
1Mb / 7P
   SP3003 Series 0.65pF Diode Array
More results

Similar Description - SP3003-04XTG

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
   Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
   Low Capacitance ESD protection array
2009-08-20
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
   Low Capacitance ESD Protection Array
SP3003 LITTELFUSE-SP3003 Datasheet
286Kb / 8P
   Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDA5V0A TSC-TESDA5V0A_15 Datasheet
263Kb / 5P
   Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1230 ONSEMI-CM1230_12 Datasheet
249Kb / 8P
   Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
logo
Comchip Technology
ACPDVR105V0USP-HF COMCHIP-ACPDVR105V0USP-HF Datasheet
121Kb / 4P
   Low Capacitance ESD Protection Array
ACSRS065V0P COMCHIP-ACSRS065V0P Datasheet
303Kb / 5P
   Low Capacitance ESD Protection Array
CPDVR105V0USP-HF COMCHIP-CPDVR105V0USP-HF Datasheet
373Kb / 4P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3001 LITTELFUSE-SP3001_10 Datasheet
385Kb / 6P
   Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com