Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3010 Datasheet(PDF) 3 Page - Littelfuse

Part # SP3010
Description  Ultra-Low Capacitance Diode Array for ESD Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3010 Datasheet(HTML) 3 Page - Littelfuse

  SP3010 Datasheet HTML 1Page - Littelfuse SP3010 Datasheet HTML 2Page - Littelfuse SP3010 Datasheet HTML 3Page - Littelfuse SP3010 Datasheet HTML 4Page - Littelfuse SP3010 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
69
©2010 Littelfuse, Inc.
Revised: February 25, 2010
SPA™ Silicon Protection Array Products
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Ultra-Low Capacitance Diode Array for ESD Protection
SP3010 Lead-Free/Green Series
Insertion Loss (S21) I/O to GND
Capacitance vs. Bias Voltage
Clamping Voltage vs. I
PP
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I/O Bias Voltage (V)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
1.5
1.0
2.0
2.5
3.0
Peak Pulse Current-I
PP (A)
-30
-25
-20
-15
-10
-5
0
10
100
1000
10000
Frequency (MHz)
Pulse Waveform
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
0.0
5.0
10.0
15.0
20.0
25.0
30.0


Similar Part No. - SP3010

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3010 LITTELFUSE-SP3010 Datasheet
285Kb / 4P
   SP3010 Series 0.45pF Rail Clamp Array
logo
SeCoS Halbleitertechnol...
SP30100R SECOS-SP30100R Datasheet
287Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
logo
Littelfuse
SP3010 LITTELFUSE-SP3010_11 Datasheet
285Kb / 4P
   SP3010 Series 0.45pF Rail Clamp Array
More results

Similar Description - SP3010

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
   Low Capacitance Array for ESD Protection Diode
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
   LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
logo
Littelfuse
SP3011 LITTELFUSE-SP3011 Datasheet
265Kb / 6P
   Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
   Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A_15 Datasheet
277Kb / 5P
   Ultra Low Capacitance ESD Protection Array
logo
Rectron Semiconductor
TEP0504DLC RECTRON-TEP0504DLC Datasheet
176Kb / 5P
   Ultra Low Capacitance ESD Protection Array
TEP0516LC RECTRON-TEP0516LC Datasheet
151Kb / 6P
   Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301U-Q NEXPERIA-NUP1301U-Q Datasheet
274Kb / 12P
   Ultra low capacitance ESD protection array
6 May 2022
logo
Taiwan Semiconductor Co...
TESDM5V0A TSC-TESDM5V0A Datasheet
183Kb / 4P
   Ultra Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com