Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3001-04JTG Datasheet(PDF) 3 Page - Littelfuse

Part # SP3001-04JTG
Description  Low Capacitance ESD Protection Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3001-04JTG Datasheet(HTML) 3 Page - Littelfuse

  SP3001-04JTG Datasheet HTML 1Page - Littelfuse SP3001-04JTG Datasheet HTML 2Page - Littelfuse SP3001-04JTG Datasheet HTML 3Page - Littelfuse SP3001-04JTG Datasheet HTML 4Page - Littelfuse SP3001-04JTG Datasheet HTML 5Page - Littelfuse SP3001-04JTG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
41
©2010 Littelfuse, Inc.
Revised: February 9, 2010
SPA™ Silicon Protection Array Products
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Low Capacitance ESD Protection Array
SP3001 Lead-Free/Green Series
Capacitance vs. Bias Voltage
Insertion Loss (S21) I/O to GND
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Frequency [Hz]
1.00
0.95
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
I/O DC Bias (V)
V
CC = 5V
V
CC = Float
V
CC = 3.3V
Capacitance vs. Frequency
0
2E-13
4E-13
6E-13
8E-13
1E-12
1.2E-12
1.4E-12
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]


Similar Part No. - SP3001-04JTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
   Low Capacitance ESD Protection Array
More results

Similar Description - SP3001-04JTG

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
   Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
   Low Capacitance ESD protection array
2009-08-20
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
   Low Capacitance ESD Protection Array
SP3003 LITTELFUSE-SP3003 Datasheet
286Kb / 8P
   Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDA5V0A TSC-TESDA5V0A_15 Datasheet
263Kb / 5P
   Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1230 ONSEMI-CM1230_12 Datasheet
249Kb / 8P
   Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
logo
Comchip Technology
ACPDVR105V0USP-HF COMCHIP-ACPDVR105V0USP-HF Datasheet
121Kb / 4P
   Low Capacitance ESD Protection Array
ACSRS065V0P COMCHIP-ACSRS065V0P Datasheet
303Kb / 5P
   Low Capacitance ESD Protection Array
CPDVR105V0USP-HF COMCHIP-CPDVR105V0USP-HF Datasheet
373Kb / 4P
   Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com