Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2443 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2443
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2443 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2443_08 Datasheet HTML 4Page - Semtech Corporation SC2443_08 Datasheet HTML 5Page - Semtech Corporation SC2443_08 Datasheet HTML 6Page - Semtech Corporation SC2443_08 Datasheet HTML 7Page - Semtech Corporation SC2443_08 Datasheet HTML 8Page - Semtech Corporation SC2443_08 Datasheet HTML 9Page - Semtech Corporation SC2443_08 Datasheet HTML 10Page - Semtech Corporation SC2443_08 Datasheet HTML 11Page - Semtech Corporation SC2443_08 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SC2443
8
70
75
80
85
90
95
1
5
10
15
20
Typical Application Circuit Performance
Circuit Conditions : Dual independent outputs configuration as shown in page 7
Soft Start (VOUT)
0ms/DIV
VIN
2V/DIV
VOUT
V/DIV
COMP
EN/SS
2V/DIV
Soft Start (Both outputs)
VOUT2
2V/DIV
COMP2
V/DIV
EN2/SS2
2V/DIV
VIN
2V/DIV
VOUT2
2V/DIV
SS2/EN2
2V/DIV
VOUT
0.5V/DIV
SS/EN
2V/DIV
Gate waveforms (VOUT_2 = 20A)
us/DIV
GDH
GDL
0V/DIV
GDH2
GDL2
0V/DIV
Output Ripple (VOUT_20A)
Output Ripple (VOUT2_20A)
GDH2
GDL2
0V/DIV
Transient Response (VOUT _ 2A ~ 7A)
200us/DIV
VOUT
50mV/DIV
OCP Trip (VOUT = 30A)
VOUT2
50mV/DIV
VOUT
0.5V/DIV
GDH
GDL
20V/DIV
SS/EN
2V/DIV
0ms/DIV
20ms/DIV
VOUT
50mV/DIV
GDH
GDL
0V/DIV
us/DIV
us/DIV
200us/DIV
400us/DIV
Combined Efficiency (2VIN to VOUT & 2.5VOUT)
IOUT(A)
EFF (%)
VOUT2
V/DIV
GDL2
0V/DIV
GDH2
20V/DIV
SS2/EN2
2V/DIV
400us/DIV
Soft Start (VOUT2)
VOUT2
50mV/DIV
Transient Response (VOUT2 _ 2A ~ 7A)
OCP Trip (VOUT2 = 28A)


Similar Part No. - SC2443_08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2443EVB SEMTECH-SC2443EVB Datasheet
1Mb / 20P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
SC2443MLTRT SEMTECH-SC2443MLTRT Datasheet
1Mb / 20P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results

Similar Description - SC2443_08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2443 SEMTECH-SC2443 Datasheet
1Mb / 20P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
SC2447 SEMTECH-SC2447 Datasheet
755Kb / 26P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2446 SEMTECH-SC2446 Datasheet
803Kb / 38P
   Dual-Phase Single or Two Output Synchronous Step-Down Controllers
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
LM2642 TI1-LM2642 Datasheet
1Mb / 31P
[Old version datasheet]   Two-Phase Synchronous Step-Down Switching Controller
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
logo
Texas Instruments
LM2642MTCX TI-LM2642MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2642 Two-Phase Synchronous Step-Down Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com