Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1541CS-X.X.TR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1541CS-X.X.TR
Description  1.0A Low Dropout Voltage Regulator with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1541CS-X.X.TR Datasheet(HTML) 3 Page - Semtech Corporation

  SC1541CS-X.X.TR Datasheet HTML 1Page - Semtech Corporation SC1541CS-X.X.TR Datasheet HTML 2Page - Semtech Corporation SC1541CS-X.X.TR Datasheet HTML 3Page - Semtech Corporation SC1541CS-X.X.TR Datasheet HTML 4Page - Semtech Corporation SC1541CS-X.X.TR Datasheet HTML 5Page - Semtech Corporation SC1541CS-X.X.TR Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
 2004 Semtech Corp.
www.semtech.com
SC1541
POWER MANAGEMENT
PRELIMINARY
Unless otherwise specified: I
O = 0mA to 1A, VEN = VIN, 1.8V Option: VIN = 3.2V to 7.0V, 2.5 Option: VIN = 3.9V to 7.0V,
3.3V Option: V
IN = 4.7V to 7.0V. Values in bold apply over full operating temperature range.
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
n
e
i
c
if
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TT
C
5
0
0
.
0
C
/
%
y
ti
li
b
a
t
S
e
r
u
t
a
r
e
p
m
e
TT
S
5
.
0
%
e
s
i
o
N
t
u
p
t
u
O
S
M
R
)
3
(
V
N
3
0
0
.
0V
%
T
U
O
o
it
a
R
n
o
it
c
e
j
e
R
e
l
p
p
i
R
)
4
(
R
A
V
N
I
V
5
=
0
6
2
7
B
d
Notes:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2)
∆V
OUT, ∆VREF = 1%.
(3) Bandwidth of 10 Hz to 10kHz.
(4) 120Hz input ripple.
(5) This device is ESD sensitive. Use of standard ESD handling precautions is required.


Similar Part No. - SC1541CS-X.X.TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1541CS-X.X.TR SEMTECH-SC1541CS-X.X.TR Datasheet
168Kb / 6P
   1.0A Low Dropout Voltage Regulator with Enable
SC1541CS-X.X.TRT SEMTECH-SC1541CS-X.X.TRT Datasheet
168Kb / 6P
   1.0A Low Dropout Voltage Regulator with Enable
More results

Similar Description - SC1541CS-X.X.TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1541 SEMTECH-SC1541 Datasheet
168Kb / 6P
   1.0A Low Dropout Voltage Regulator with Enable
logo
Acutechnology Semicondu...
BQ8211 ACUTECH-BQ8211 Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
ON Semiconductor
NCP706 ONSEMI-NCP706_16 Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator with Enable
May, 2016 ??Rev. 8
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
   300mA CMOS Low Dropout Voltage Regulator with Enable
TS5218 TSC-TS5218 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
logo
ON Semiconductor
NCV4266 ONSEMI-NCV4266 Datasheet
122Kb / 11P
   150 mA Low-Dropout Voltage Regulator with Enable
June, 2012 ??Rev. 2
logo
Taiwan Semiconductor Co...
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
   80mA CMOS Low Dropout Voltage Regulator with Enable
TS9010 TSC-TS9010 Datasheet
97Kb / 4P
   150mA CMOS Low Dropout Voltage Regulator with Enable
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com