Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1541CM-X.X.TRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1541CM-X.X.TRT
Description  1.0A Low Dropout Voltage Regulator with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1541CM-X.X.TRT Datasheet(HTML) 6 Page - Semtech Corporation

  SC1541CM-X.X.TRT Datasheet HTML 1Page - Semtech Corporation SC1541CM-X.X.TRT Datasheet HTML 2Page - Semtech Corporation SC1541CM-X.X.TRT Datasheet HTML 3Page - Semtech Corporation SC1541CM-X.X.TRT Datasheet HTML 4Page - Semtech Corporation SC1541CM-X.X.TRT Datasheet HTML 5Page - Semtech Corporation SC1541CM-X.X.TRT Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
 2004 Semtech Corp.
www.semtech.com
SC1541
POWER MANAGEMENT
Note:
(1) More copper area should be used to lower R
TH(J-A) as needed.
Outline Drawing - TO-263-5
Land Pattern - TO-263-5(1)
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
.067 BSC
DETAIL
5
A
.326
.020
-
5
A
1.70 BSC
.380
8.28
.039
0.51
9.65
0.99
-
-
.070
.015
-
.000
-
-
15°
-
15°
.110
.029
1.78
0.38
.190
.010
0.00
0.74
2.79
-
0.25
4.83
-
-
DIMENSIONS "D" AND "E" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
CONTROLLING DIMENSIONS ARE IN INCHES (ANGLES IN DEGREES).
NOTES:
1.
2.
SIDE VIEW
e
1.14
.065
.045
-
1.65
-
--
.245
6.22
123
5
4
A
aaa
BA
PLANE
SEATING
B
.380
10.67
9.65
.420
--
--
1.68
.066
4.06
.160
-
-
-
-
-
-
-
-
-
-
0.25
.010
-
-
.270
--
6.86
--
PLATED COPPER
HEAT SPREADER
aaa
N
01
0
D1
H
L1
L
e
E1
E
c
D
c1
b
A1
A
DIM
MILLIMETERS
INCHES
DIMENSIONS
MIN NOM MAX MIN
MAX
NOM
b X N
(L1)
E1
D1
A1
A
0
E
E/2
L1
D
01
L
SEE DETAIL
c1
c
H
.575
-
.625 14.61
-
15.88
P
DIMENSIONS
MILLIMETERS
INCHES
H
Z
X
P
K
Y
G
DIM
.420
.140
.625
.042
.067
.360
.125
10.67
3.56
15.88
1.07
1.70
9.14
3.18
H
K
X
Y
Z
G
NOTES:
2. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
1. CONTROLLING DIMENSIONS ARE IN INCHES (ANGLES IN DEGREES).


Similar Part No. - SC1541CM-X.X.TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1541CM-X.X.TRT SEMTECH-SC1541CM-X.X.TRT Datasheet
168Kb / 6P
   1.0A Low Dropout Voltage Regulator with Enable
More results

Similar Description - SC1541CM-X.X.TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1541 SEMTECH-SC1541 Datasheet
168Kb / 6P
   1.0A Low Dropout Voltage Regulator with Enable
logo
Acutechnology Semicondu...
BQ8211 ACUTECH-BQ8211 Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
ON Semiconductor
NCP706 ONSEMI-NCP706_16 Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator with Enable
May, 2016 ??Rev. 8
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
   300mA CMOS Low Dropout Voltage Regulator with Enable
TS5218 TSC-TS5218 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
logo
ON Semiconductor
NCV4266 ONSEMI-NCV4266 Datasheet
122Kb / 11P
   150 mA Low-Dropout Voltage Regulator with Enable
June, 2012 ??Rev. 2
logo
Taiwan Semiconductor Co...
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
   80mA CMOS Low Dropout Voltage Regulator with Enable
TS9010 TSC-TS9010 Datasheet
97Kb / 4P
   150mA CMOS Low Dropout Voltage Regulator with Enable
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com