Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE24A-LF Datasheet(PDF) 4 Page - Sirectifier Global Corp.

Part # P4KE24A-LF
Description  400W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

P4KE24A-LF Datasheet(HTML) 4 Page - Sirectifier Global Corp.

  P4KE24A-LF Datasheet HTML 1Page - Sirectifier Global Corp. P4KE24A-LF Datasheet HTML 2Page - Sirectifier Global Corp. P4KE24A-LF Datasheet HTML 3Page - Sirectifier Global Corp. P4KE24A-LF Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
http:// www.sirectsemi.com
RATINGS AND CHARACTERISTIC CURVES P4KE6.8(C)-LF THRU P4KE540(C)A-LF
FIG. 1 - PEAK PULSE POWER RATING CURVE
100
10
1.0
0.1
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3
TA=25℃
0.1US
1.0US
10US
100US
1.0MS
10MS
td, PULSE WIDTH, sec
150
100
50
0
FIG. 3 - PULSE WAVEFORM
0
1.0
2.0
3.0
4.0
t, TIME,ms
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IPP
10/1000uSec. WAVEFORM
as DEFINED by R.E.A.
HALF VALUE Ipp
2
PEAK VALUE
IPPM
tr =10uSec.
td
FIG. 2 - PULSE DERATING CURVE
100
75
50
25
0
0
25
50
75
100
125
150
175
200
Ta, AMBIENT TEMPERATURE,℃
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
UNIDRECTIONAL
10,000
1,000
100
10
1.0
10
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
MEASURED at
ZERO BIAS
TJ=25℃
f=1.0 MHZ
Vsig=50mVp-p
MEASURED at
STAND-OFF
VOLTAGE, VWM
FIG. 7 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT UNIDIRECTIONAL ONLY
50
40
30
20
10
0
1
10
100
NUMBER OF CYCLES AT 60HZ
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=Tjmax.
FIG. 6 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS
100
10
1
0.1
0.01
0
100
200
300
400
500
V(BR), BREAKDOWN VOLTAGE, VOLTS
MEASURED AT DEVICES
STAND-OFF
VOLTAGE,VWM
TA=25℃
L=0.375” (9.5mm)
Lead Lengths
1.6×1.6×.040”
(40×40×1mm)
Copper Heat Sinks
60Hz Resistive or
Inductive Load
FIG. 5 – STEADY STATE POWER DERATING CURVE
1.00
0.75
0.50
0.25
0
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE (℃)


Similar Part No. - P4KE24A-LF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4KE24A-B LITTELFUSE-P4KE24A-B Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
P4KE24A-C SECOS-P4KE24A-C Datasheet
334Kb / 3P
   400 Peak Power
logo
Comchip Technology
P4KE24A-G COMCHIP-P4KE24A-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
P4KE24A-G COMCHIP-P4KE24A-G Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
P4KE24A-HF COMCHIP-P4KE24A-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
More results

Similar Description - P4KE24A-LF

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com