Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSM5853P Datasheet(PDF) 4 Page - Sirectifier Global Corp.

Part # RSM5853P
Description  P-Channel 20Volt (D-S) MOSFET With Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

RSM5853P Datasheet(HTML) 4 Page - Sirectifier Global Corp.

  RSM5853P Datasheet HTML 1Page - Sirectifier Global Corp. RSM5853P Datasheet HTML 2Page - Sirectifier Global Corp. RSM5853P Datasheet HTML 3Page - Sirectifier Global Corp. RSM5853P Datasheet HTML 4Page - Sirectifier Global Corp. RSM5853P Datasheet HTML 5Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
http:// www.sirectsemi.com
0
1
6
4
2
0
Figure 7. Gate Charge Characteristics
Qd, GATE CHARGE (nC)
10
2
3
4
5
8
ID = -3.5V
VDS = -5V
-10V
-15V
0
200
15
10
5
0
Figure 8. Capacitance Characteristics
-VDS, DRAIN TO SOURCE VOLTAGE (V)
20
400
600
800
1000
f = 1MHz
VGS = 0V
CISS
COSS
CROSS
-VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 9. Maximum Safe Operating Area
100
10
1
0.1
0.01
0.1
1
100
1ms
10
DC
1s
100µs
10m
s
100m
s
VGS = -4.5V
SINGLE PLUSE
RθJA = 156oC/W
TA = 25oC
RDS(ON) LIMIT
1
10
0
0.1
SINGLE PULSE TIME (SEC)
Figure 10. Single Pluse Maximum Power
Dissipation
SINGLE PLUSE
RθJA = 156 oC/W
TA = 25 oC
100
1
2
3
4
5
0.001
0.0001
0.01
t1, TIME (SEC)
Figure 11. Transient Thermal Response Curve
0.1
1
0.001
0.01
0.1
1
10
100
1000
PDM
t2
t1
Notes:
1.Duty factor D = t1 / t2
2.Peak Tj = PDM x ZthJC + TC
SINGLE PULSE
(THERMAL RESISTANCE)
D = 0.2
D = 0.5
D = 0.1
D = 0.05
D = 0.02
D = 0.01
RθJA(t) = r(t) + RθJA
RθJA = 156oC/W
RSM5853P


Similar Part No. - RSM5853P

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
RSM5700B-UG-FAC JDSU-RSM5700B-UG-FAC Datasheet
161Kb / 2P
   Analog QAM RF and MPEG Video Probe
More results

Similar Description - RSM5853P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3853DV VISHAY-SI3853DV Datasheet
71Kb / 6P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 04-Oct-99
SI4833BDY VISHAY-SI4833BDY Datasheet
206Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. B, 15-Aug-11
SI3851DV VISHAY-SI3851DV Datasheet
72Kb / 6P
   P-Channel 30-V (D-S) MOSFET With Schottky Diode
Rev. A, 11-Oct-99
71061 VISHAY-71061 Datasheet
70Kb / 6P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 10-Oct-99
SI4837DY VISHAY-SI4837DY Datasheet
57Kb / 6P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Jul-01
SI4845DY VISHAY-SI4845DY Datasheet
134Kb / 9P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jun-05
SI4833DY VISHAY-SI4833DY Datasheet
63Kb / 5P
   P-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 02-Nov-98
logo
DinTek Semiconductor Co...
DTM4483S DINTEK-DTM4483S Datasheet
2Mb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI3805DV VISHAY-SI3805DV Datasheet
129Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 22-Sep-08
SIA817EDJ VISHAY-SIA817EDJ Datasheet
329Kb / 11P
   P-Channel 30 V (D-S) MOSFET with Schottky Diode
Rev. A, 28-Jan-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com