Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFZ44ZS Datasheet(PDF) 7 Page - International Rectifier

Part # AUIRFZ44ZS
Description  HEXFET짰 Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFZ44ZS Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIRFZ44ZS Datasheet HTML 3Page - International Rectifier AUIRFZ44ZS Datasheet HTML 4Page - International Rectifier AUIRFZ44ZS Datasheet HTML 5Page - International Rectifier AUIRFZ44ZS Datasheet HTML 6Page - International Rectifier AUIRFZ44ZS Datasheet HTML 7Page - International Rectifier AUIRFZ44ZS Datasheet HTML 8Page - International Rectifier AUIRFZ44ZS Datasheet HTML 9Page - International Rectifier AUIRFZ44ZS Datasheet HTML 10Page - International Rectifier AUIRFZ44ZS Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AUIRFZ44Z/ZS
www.irf.com
7
QG
QGS
QGD
VG
Charge
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 14. Threshold Voltage vs. Temperature
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
1K
VCC
DUT
0
L
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
350
400
ID
TOP
3.8A
5.5A
BOTTOM 31A
-75 -50 -25
0
25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
ID = 250µA


Similar Part No. - AUIRFZ44ZS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFZ44ZS INFINEON-AUIRFZ44ZS Datasheet
718Kb / 12P
   Advanced Process Technology
2017-09-25
More results

Similar Description - AUIRFZ44ZS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com