Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRFR3504ZTR Datasheet(PDF) 1 Page - International Rectifier

Part # AUIRFR3504ZTR
Description  HEXFET짰 Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFR3504ZTR Datasheet(HTML) 1 Page - International Rectifier

  AUIRFR3504ZTR Datasheet HTML 1Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 2Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 3Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 4Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 5Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 6Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 7Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 8Page - International Rectifier AUIRFR3504ZTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AUIRFR3504Z
HEXFET® Power MOSFET
04/12/2010
www.irf.com
1
AUTOMOTIVE GRADE
PD - 97492
Description
Specifically designed for Automotive applications,
this HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low on-
resistance per silicon area. Additional features of
this design are a 175°C junction operating tempera-
ture, fast switching speed and improved repetitive
avalanche rating . These features combine to make
this design an extremely efficient and reliable device
for use in Automotive applications and a wide variety
of other applications.
Features
l
Advanced Process Technology
l
Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free, RoHS Compliant
l
Automotive Qualified *
S
D
G
V(BR)DSS
40V
RDS(on) max.
9.0mΩ
ID (Silicon Limited)
77A
ID (Package Limited)
42A
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in
the specifications is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Ambient temperature (TA) is 25°C, unless otherwise specified.
GD
S
Gate
Drain
Source
D-Pak
G
D
S
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
d
mJ
EAS (tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range°C
Soldering Temperature, for 10 seconds (1.6mm from case )
Mounting Torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
j
–––
1.66
RθJA
Junction-to-Ambient (PCB mount)
i
–––
40
°C/W
RθJA
Junction-to-Ambient
–––
110
110
77
See Fig.12a, 12b, 15, 16
90
0.60
± 20
Max.
77
54
310
42
-55 to + 175
300
10 lbf
yin (1.1Nym)


Similar Part No. - AUIRFR3504ZTR

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
AUIRFR3504Z KERSEMI-AUIRFR3504Z Datasheet
4Mb / 11P
   AUTOMOTIVE GRADE
logo
List of Unclassifed Man...
AUIRFR3504Z ETC2-AUIRFR3504Z Datasheet
274Kb / 13P
   Low On-Resistance
logo
Infineon Technologies A...
AUIRFR3504Z INFINEON-AUIRFR3504Z Datasheet
669Kb / 11P
   Advanced Process Technology
2015-11-23
More results

Similar Description - AUIRFR3504ZTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com