Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRF3805S Datasheet(PDF) 5 Page - International Rectifier

Part # AUIRF3805S
Description  HEXFET짰 Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF3805S Datasheet(HTML) 5 Page - International Rectifier

  AUIRF3805S Datasheet HTML 1Page - International Rectifier AUIRF3805S Datasheet HTML 2Page - International Rectifier AUIRF3805S Datasheet HTML 3Page - International Rectifier AUIRF3805S Datasheet HTML 4Page - International Rectifier AUIRF3805S Datasheet HTML 5Page - International Rectifier AUIRF3805S Datasheet HTML 6Page - International Rectifier AUIRF3805S Datasheet HTML 7Page - International Rectifier AUIRF3805S Datasheet HTML 8Page - International Rectifier AUIRF3805S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AUIRF3805/S/L
www.irf.com
5
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
0
2000
4000
6000
8000
10000
12000
14000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
50
100
150
200
250
300
QG Total Gate Charge (nC)
0
4
8
12
16
20
VDS= 44V
VDS= 28V
ID= 75A
0.0
0.4
0.8
1.2
1.6
2.0
2.4
VSD, Source-to-Drain Voltage (V)
0.1
1.0
10.0
100.0
1000.0
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec


Similar Part No. - AUIRF3805S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AUIRF3805S ETC2-AUIRF3805S Datasheet
388Kb / 15P
   Ultra Low On-Resistance
logo
Infineon Technologies A...
AUIRF3805S INFINEON-AUIRF3805S Datasheet
764Kb / 13P
   AUTOMOTIVE GRADE
2015-9-30
logo
International Rectifier
AUIRF3805S-7P IRF-AUIRF3805S-7P Datasheet
311Kb / 14P
   HEXFET짰 Power MOSFET
logo
List of Unclassifed Man...
AUIRF3805S-7P ETC2-AUIRF3805S-7P Datasheet
311Kb / 14P
   Ultra Low On-Resistance
logo
Infineon Technologies A...
AUIRF3805S-7P INFINEON-AUIRF3805S-7P Datasheet
748Kb / 12P
   Advanced Process Technology
2017-10-09
More results

Similar Description - AUIRF3805S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com