Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER207G Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # HER207G
Description  2A ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

HER207G Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  HER207G Datasheet HTML 1Page - Sirectifier Global Corp. HER207G Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http:// www.sirectsemi.com
2A ULTRA FAST RECOVERY RECTIFIER
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
ULTRA FAST RECOVERY TIMES FOR HIGH EFFICIENCY
LOW FORWARD VOLTAGE, HIGH CURRENT CAPABILITY
LOW LEAKAGE
HIGH SURGE CAPABILITY
HIGH TEMPERATURE SOLDERING GUARANTEED︰
260℃.375〞(9.5mm)LEAD LENGTHS FOR 10 SECONDS AT
5 LBS.(2.3KG)TENSION
GLASS
MECHANICAL DATA
CASE:MOLDED PLASTIC
TERMINALS:AXIAL LEADS SOLDERABLE PER MIL-STD-
202, METHOD 208
POLARITY:COLOR BAND DENOTES CATHODE END
MOUNTING POSITION:ANY
WEIGHT:0.4 GRAMS
CASE:DO15
DIMENSIONS IN INCHES AND (MILLIMETERS)
MXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD.
FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL HER201G HER202G HER203G HER204G HER205G HER206G HER207G HER208G UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
300
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
210
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
300
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED
CURRENT.375〞(9.5mm) LEAD LENGTH AT TA=55℃
IO
2.0
A
PEAK FORWARD SURGE CURRENT 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
60
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
30
20
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
25
℃/W
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25
°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL HER201G HER202G HER203G HER204G HER205G HER206G HER207G HER208G UNITS
MAXIMUM FORWARD VOLTAGE AT Io DC
VF
1.3
1.7
V
MAXIMUM REVERSE CURRENT AT TA=25
°
IR
10
μA
MAXIMUM REVERSE CURRENT AT TA=100
°
IR
100
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 3)
TRR
50
75
nS
NOTE : 1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTATCHED TO HEATSINK 35×35×1t(mm) COPPER PLATE AT LEAD LENTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN
HER201G
THRU
HER208G
E L E C T R O N I C


Similar Part No. - HER207G

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
HER207G GXELECTRONICS-HER207G Datasheet
664Kb / 2P
   CURRENT 2.0 Amperes
logo
Jinan Gude Electronic D...
HER207G JGD-HER207G Datasheet
172Kb / 2P
   2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Chongqing Pingwei Enter...
HER207G CHONGQING-HER207G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Compact Technology Corp...
HER207G CTC-HER207G Datasheet
114Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Yangzhou yangjie electr...
HER207G YANGJIE-HER207G Datasheet
210Kb / 2P
   High Efficient Rectifier
More results

Similar Description - HER207G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
HER201G FRONTIER-HER201G Datasheet
982Kb / 2P
   2A ULTRA FAST RECOVERY RECTIFIER
HER201 FRONTIER-HER201 Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY RECTIFIER
HER201-LFR FRONTIER-HER201-LFR Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY RECTIFIER
MURS205-LFR FRONTIER-MURS205-LFR Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
UF20-005 FRONTIER-UF20-005 Datasheet
128Kb / 2P
   2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
US2A FRONTIER-US2A Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
UF20-005G FRONTIER-UF20-005G Datasheet
128Kb / 2P
   2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005G-LFR FRONTIER-UF20-005G-LFR Datasheet
129Kb / 2P
   2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
MURS205 FRONTIER-MURS205 Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
UF20-005-LFR FRONTIER-UF20-005-LFR Datasheet
129Kb / 2P
   2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com