Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC668 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 3 Page - Semtech Corporation

  SC668 Datasheet HTML 1Page - Semtech Corporation SC668 Datasheet HTML 2Page - Semtech Corporation SC668 Datasheet HTML 3Page - Semtech Corporation SC668 Datasheet HTML 4Page - Semtech Corporation SC668 Datasheet HTML 5Page - Semtech Corporation SC668 Datasheet HTML 6Page - Semtech Corporation SC668 Datasheet HTML 7Page - Semtech Corporation SC668 Datasheet HTML 8Page - Semtech Corporation SC668 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
SC668
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Subscripting for all LDOs (LDOn), n = 1, 2, 3, 4.
(2) Tested according to JEDEC standard JESD22-A114-B.
(3) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
Pin Voltage — IN (V) . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
Pin Voltage — All Other Pins (V) . . . . . . . . . -0.3 to (V
IN + 0.3)
LDOn(1) Short Circuit Duration . . . . . . . . . . . . . . .Continuous
ESD Protection Level(2) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5
Recommended Operating Conditions
Ambient Temperature Range (°C). . . . . . . . . -40 T
A +85
Input Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . 2.9 V
IN 5.5
Backlight Sink Voltage (V) . . . . . . . . . . . . . . . 0.05 V
IN 4.2
Thermal Information
Thermal Resistance, Junction to Ambient(3) (°C/W) . . . . 35
Storage Temperature Range (°C). . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Unless otherwise noted, T
A = +25°C for Typ, -40ºC to +85°C for Min and Max, TJ(MAX) = 125ºC, VIN = 3.7V, CIN = CLDO1 = CLDO2 = CLDO3 = CLDO4 = 1.0µF,
C
BYP = 22nF, (ESR = 0.03Ω)
(1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Specifications
Input Supply Voltage
V
IN
2.9
5.5
V
Shutdown Current
I
Q(OFF)
Shutdown, V
IN = 4.2V
0.1
2.0
µA
Total Quiescent Current
I
Q
Sleep (all LDOs off), EN = V
IN
(2)
90
135
µA
Sleep (all LDOs on), EN = V
IN
(2)
300
450
8 LEDs on
1.5
LED Sink Electrical Specifications
Maximum Total Backlight Current
I
OUT(MAX)
Sum of all active LED currents, V
IN above dropout level
200
mA
Backlight Current Setting Range
I
BL
Nominal setting for BL1 – BL8
0
25
mA
Backlight Current Accuracy
I
BL_ACC
I
BLn
(3)
= 12mA
±1.5
%
Backlight Current Matching(4)
I
BL-BL
I
BLn
(3)
= 12mA
-3.5
±0.5
+3.5
%
Dropout Voltage(5)
V
DO
One bank of 6 backlights set equal to 20mA
59
mV
Current Sink Off-State Leakage Current
I
BL/FL(OFF)
V
IN = VBLn
(3)
= 4.2V
0.1
1
µA
Electrical Characteristics


Similar Part No. - SC668

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
SC66 QUECTEL-SC66 Datasheet
706Kb / 2P
   Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC66-A QUECTEL-SC66-A Datasheet
706Kb / 2P
   Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC66-CE QUECTEL-SC66-CE Datasheet
706Kb / 2P
   Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC66-E QUECTEL-SC66-E Datasheet
706Kb / 2P
   Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC66-J QUECTEL-SC66-J Datasheet
706Kb / 2P
   Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
More results

Similar Description - SC668

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC667 SEMTECH-SC667 Datasheet
1Mb / 47P
   7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
SC644 SEMTECH-SC644 Datasheet
609Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
SC624 SEMTECH-SC624_09 Datasheet
295Kb / 22P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
SC624 SEMTECH-SC624 Datasheet
288Kb / 22P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
SC624A SEMTECH-SC624A Datasheet
295Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
SC624A SEMTECH-SC624A_09 Datasheet
302Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and I2C Interface
SC627 SEMTECH-SC627 Datasheet
362Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com