Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC644 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC644
Description  Light Management Unit with 4 LDOs and SemPulse짰Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC644 Datasheet(HTML) 5 Page - Semtech Corporation

  SC644 Datasheet HTML 1Page - Semtech Corporation SC644 Datasheet HTML 2Page - Semtech Corporation SC644 Datasheet HTML 3Page - Semtech Corporation SC644 Datasheet HTML 4Page - Semtech Corporation SC644 Datasheet HTML 5Page - Semtech Corporation SC644 Datasheet HTML 6Page - Semtech Corporation SC644 Datasheet HTML 7Page - Semtech Corporation SC644 Datasheet HTML 8Page - Semtech Corporation SC644 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SC644
5
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Digital I/O Electrical Specifications (SPIF)
Input High Threshold (9)
V
IH
V
IN = 5.5V
.6
V
Input Low Threshold (9)
V
IL
V
IN = 2.9V
0.4
V
Input High Current
I
IH
V
IN = 5.5V
-
+
µA
Input Low Current
I
IL
V
IN = 5.5V
-
+
µA
SemPulse Electrical Specifications (SPIF)
SemPulse Start-up Time(0)
t
SU

ms
Bit Pulse Duration (9)
t
HI
0.75
250
µs
Duration Between Bits (9)
t
LO
0.75
250
µs
Hold Time - Address (9)
t
HOLDA
SPIF is held high
500
5000
µs
Hold Time - Data (9)
t
HOLDD
SPIF is held high
500
µs
Bus Reset Time (9)
t
BR
SPIF is held high
0
ms
Shutdown Time()
t
SD
SPIF is pulled low
0
ms
Fault Protection
Output Short Circuit Current Limit
I
OUT(SC)
OUT pin shorted to GND
300
mA
Over-Temperature
T
OTP
Rising threshold
65
°C
T
HYS
Hysteresis
30
°C
Charge Pump
Over-Voltage Protection
V
OVP
OUT pin open circuit, V
OUT = VOVP
5.7
6.0
V
Under Voltage Lockout
V
UVLO-OFF
Increasing V
IN
2.7
V
V
UVLO-HYS
Hysteresis
800
mV
Notes:
() Capacitors are MLCC of X5R type. Production tested with higher value capacitors than the application requires.
(2) SPIF is high for more than 0ms
(3) Subscript for all backlights (BLn), n = , 2, 3, 4, 5, and 6. Subscripting for all LDOs (LDOn), n = , 2, 3, 4.
(4) Current matching is defined as ± [I
BL(MAX) - IBL(MIN)] / [IBL(MAX) + IBL(MIN)].
(5) Test voltage is V
OUT = 4.2V — a relatively extreme LED voltage — to force a transition during test. Typically VOUT = 3.2V for white LEDs.
(6) Subscript m = , 3, and 4 and applies only to LDO, LDO3, and LDO4.
(7) Dropoutisdefinedas(V
IN- VLDOm) when VLDOm drops 00mV from nominal. Dropout does not apply to LDO2 since it has a maximum output voltage
of .8V.
(8) X5R or better “temperature stable” MLCC capacitor.
(9) The source driver used to provide the SemPulse output must meet these limits.
(0) The SemPulse start-up time is the minimum time that the SPIF pin must be held high to enable the part before commencing
communication.
() The SemPulse shutdown time is the minimum time that the SPIF pin must be pulled low to shut the part down.


Similar Part No. - SC644

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
logo
Nippon Precision Circui...
SC6433 NPC-SC6433 Datasheet
1Mb / 4P
   BWTV CAMERA SYNC PULSE GENERATOR
logo
Semtech Corporation
SC643EVB SEMTECH-SC643EVB Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
SC643ULTRT SEMTECH-SC643ULTRT Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
logo
Mallory Sonalert Produc...
SC648ADJR MSPI-SC648ADJR Datasheet
52Kb / 1P
   Voltage Rating 10 to 48 VAC/DC
More results

Similar Description - SC644

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
SC624 SEMTECH-SC624_09 Datasheet
295Kb / 22P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
SC624 SEMTECH-SC624 Datasheet
288Kb / 22P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
SC624A SEMTECH-SC624A Datasheet
295Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
SC624A SEMTECH-SC624A_09 Datasheet
302Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and I2C Interface
SC668 SEMTECH-SC668 Datasheet
875Kb / 46P
   8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
SC667 SEMTECH-SC667 Datasheet
1Mb / 47P
   7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
SC627 SEMTECH-SC627 Datasheet
362Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
   LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com