Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC632ULTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC632ULTRT
Description  Fixed 5.0V Output Charge Pump Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC632ULTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC632ULTRT Datasheet HTML 1Page - Semtech Corporation SC632ULTRT Datasheet HTML 2Page - Semtech Corporation SC632ULTRT Datasheet HTML 3Page - Semtech Corporation SC632ULTRT Datasheet HTML 4Page - Semtech Corporation SC632ULTRT Datasheet HTML 5Page - Semtech Corporation SC632ULTRT Datasheet HTML 6Page - Semtech Corporation SC632ULTRT Datasheet HTML 7Page - Semtech Corporation SC632ULTRT Datasheet HTML 8Page - Semtech Corporation SC632ULTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SC632
4
Parameter
Symbol
Condition
Min
Typ
Max
Units
EN Input High Threshold
V
IH
V
IN
= 5.5V
1.6
V
EN Input Low Threshold
V
IL
V
IN
= 2.7V
0.4
V
EN Input High Current
I
IH
V
IN
= 5.5V
2
μA
EN Input Low Current
I
IL
V
IN
= 5.5V
2
μA
Open-Loop Output Resistance
R
OUT
1x mode
0.25
Ω
1.5x mode, V
IN
= 3.7V
2.85
Ω
2x mode, V
IN
= 3.1V
2.9
Ω
Mode Transition Voltage (2)
V
TRANS 1X
I
OUT
= 200mA
5.05
V
V
TRANS 1.5X
I
OUT
= 200mA
3.71
V
Fault Protection
Short-Circuit Current
I
SC
V
OUT
= 0V, I
OUT
= I
IN
300
600
980
mA
Input Current Limit
I
LIMIT
V
OUT
> 2V, 1x mode
0.6
1.2
2.0
A
V
OUT
> 2V, 1.5x and 2x modes
1.2
2.0
2.8
A
V
OUT
≤ 2V, I
OUT
= I
IN
700
mA
Over Temperature
T
OTP
Rising Threshold
165
°C
T
HYS
Hysteresis(3)
20
°C
Electrical Characteristics (continued)
Notes:
(1)
Thermal limitation is dependent upon the thermal performance of the printed circuit board in support of the package standard of 68° C/W.
(2)
Voltage at the IN pin where a mode transition takes place in the charge pump with V
IN
falling.
(3)
Guaranteed by design — not tested in production.


Similar Part No. - SC632ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC632ULTRT SEMTECH-SC632ULTRT Datasheet
232Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
More results

Similar Description - SC632ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC632 SEMTECH-SC632 Datasheet
232Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
SC632A SEMTECH-SC632A Datasheet
509Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
SC632AULTRT SEMTECH-SC632AULTRT Datasheet
475Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
SC633 SEMTECH-SC633 Datasheet
514Kb / 15P
   Fixed 5.3V Output Charge Pump Regulator
SC631 SEMTECH-SC631 Datasheet
237Kb / 14P
   Fixed 4.4V Output Charge Pump Regulator
SC603 SEMTECH-SC603 Datasheet
793Kb / 12P
   CHARGE PUMP REGULATOR WITH SELECTABLE 5.0V/4.5V OUTPUT
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
   1MHz Fixed 3.3V Output Charge Pump Regulator
logo
Rohm
BD1603NUV ROHM-BD1603NUV Datasheet
309Kb / 6P
   Charge Pump Regulator with Selectable 5.0V/4.5V Output for mobile
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
   Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com