Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA384A1 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATXMEGA384A1
Description  8/16-bit XMEGA A1 Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA384A1 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATXMEGA384A1 Datasheet HTML 1Page - ATMEL Corporation ATXMEGA384A1 Datasheet HTML 2Page - ATMEL Corporation ATXMEGA384A1 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA384A1 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA384A1 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA384A1 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA384A1 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA384A1 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA384A1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 107 page
background image
2
8067L–AVR–08/10
XMEGA A1
1.
Ordering Information
Notes:
1.
This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information.
2.
Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green.
3.
For packaging information, see “Packaging information” on page 64.
Ordering Code
Flash (B)
E2
SRAM
Speed (MHz)
Power Supply
Package(1)(2)(3)
Temp
ATxmega384A1-AU
384K + 8K
4 KB
32 KB
32
1.6 - 3.6V
100A
-40
°C - 85°C
ATxmega256A1-AU
256K + 8K
4 KB
16 KB
32
1.6 - 3.6V
ATxmega192A1-AU
192K + 8K
2 KB
16 KB
32
1.6 - 3.6V
ATxmega128A1-AU
128K + 8K
2 KB
8 KB
32
1.6 - 3.6V
ATxmega64A1-AU
64K + 4K
2 KB
4 KB
32
1.6 - 3.6V
ATxmega384A1-CU
384K + 8K
4 KB
32 KB
32
1.6 - 3.6V
100C1
ATxmega256A1-CU
256K + 8K
4 KB
16 KB
32
1.6 - 3.6V
ATxmega192A1-CU
192K + 8K
2 KB
16 KB
32
1.6 - 3.6V
ATxmega128A1-CU
128K + 8K
2 KB
8 KB
32
1.6 - 3.6V
ATxmega64A1-CU
64K + 4K
2 KB
4 KB
32
1.6 - 3.6V
ATxmega128A1-C7U
128K + 8K
2 KB
8 KB
32
1.6 - 3.6V
100C2
ATxmega64A1-C7U
64K + 4K
2 KB
4 KB
32
1.6 - 3.6V
Package Type
100A
100-lead, 14 x 14 x 1.0 mm, 0.5 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
100C1
100-ball, 9 x 9 x 1.2 mm Body, Ball Pitch 0.88 mm, Chip Ball Grid Array (CBGA)
100C2
100-ball, 7 x 7 x 1.0 mm Body, Ball Pitch 0.65 mm, Very Thin Fine-Pitch Ball Grid Array (VFBGA)


Similar Part No. - ATXMEGA384A1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA384A1 ATMEL-ATXMEGA384A1 Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1-AU ATMEL-ATXMEGA384A1-AU Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1-AU ATMEL-ATXMEGA384A1-AU Datasheet
3Mb / 99P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1-CU ATMEL-ATXMEGA384A1-CU Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1-CU ATMEL-ATXMEGA384A1-CU Datasheet
3Mb / 99P
   8/16-bit XMEGA A1 Microcontroller
More results

Similar Description - ATXMEGA384A1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATCMEGA384A1 ATMEL-ATCMEGA384A1 Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4_0808 ATMEL-ATXMEGA128A4_0808 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_09 Datasheet
3Mb / 99P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com