Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6836-PXQW Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATA6836-PXQW
Description  Hex Half-bridge Driver with Serial Input Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6836-PXQW Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATA6836-PXQW Datasheet HTML 6Page - ATMEL Corporation ATA6836-PXQW Datasheet HTML 7Page - ATMEL Corporation ATA6836-PXQW Datasheet HTML 8Page - ATMEL Corporation ATA6836-PXQW Datasheet HTML 9Page - ATMEL Corporation ATA6836-PXQW Datasheet HTML 10Page - ATMEL Corporation ATA6836-PXQW Datasheet HTML 11Page - ATMEL Corporation ATA6836-PXQW Datasheet HTML 12Page - ATMEL Corporation ATA6836-PXQW Datasheet HTML 13Page - ATMEL Corporation ATA6836-PXQW Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
4952I–AUTO–08/10
ATA6836
5.
Thermal Resistance
4.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
All values refer to GND pins.
Parameters
Pin SO28 Pin QFN24
Symbol
Value
Unit
Supply voltage
5, 10
3, 4
VVS
–0.3 to +40
V
Supply voltage t < 0.5s; IS > –2A
5, 10
3, 4
VVS
–1
V
Supply voltage difference
V
S_pin5(3) –VS_pin10(4)
5, 10
3, 4
ΔV
VS
150
mV
Logic supply voltage
19
14
V
VCC
–0.3 to +7
V
Logic input voltage
24-26
17-19
V
DI, VCLK, VCS
–0.3 to V
VCC +0.3
V
Logic output voltage
18
13
V
DO
–0.3 to V
VCC +0.3
V
Input current
17, 24-26
12, 17-19
I
INH, IDI, ICLK, ICS
–10 to +10
mA
Output current
18
13
I
DO
–10 to +10
mA
Output current
1-4, 11-16,
27, 28
2, 5, 8, 11,
20, 23
I
OUT1 to IOUT6
Internally limited, see
“Output Specification” in
Section 7. on page 11
Output voltage
2, 3, 12,
13, 15, 28
2, 5, 8, 11,
20, 23
OUT1 to OUT6
–0.3 to +40
V
1, 4, 11,
14, 16, 27
Junction temperature range
T
j
–40 to +150
°C
Storage temperature range
TSTG
–55 to +150
°C
Table 5-1.
SO28
Parameter
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Junction pin
Measured to GND
6 to 9, 20 to 23
R
thJP
25
K/W
Junction ambient
R
thJA
65
K/W
Table 5-2.
QFN24: Depends on the PCB-board
Parameter
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Junction pin
16
R
thJP
< 5
K/W
Junction ambient
R
thJA
35
K/W


Similar Part No. - ATA6836-PXQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6836-PXQW ATMEL-ATA6836-PXQW Datasheet
434Kb / 20P
   Hex Half-bridge Driver with Serial Input Control
ATA6836-PXQW ATMEL-ATA6836-PXQW Datasheet
443Kb / 20P
   Hex Half-bridge Driver with Serial Input Control
More results

Similar Description - ATA6836-PXQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6838 ATMEL-ATA6838 Datasheet
389Kb / 18P
   Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836_09 Datasheet
443Kb / 20P
   Hex Half-bridge Driver with Serial Input Control
ATA6836C ATMEL-ATA6836C_14 Datasheet
851Kb / 21P
   Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836 Datasheet
434Kb / 20P
   Hex Half-bridge Driver with Serial Input Control
ATA6838C ATMEL-ATA6838C_14 Datasheet
590Kb / 18P
   Hex Half-bridge Driver with Serial Input Control
logo
Monolithic Power System...
MPQ6526 MPS-MPQ6526 Datasheet
1Mb / 19P
   Hex Half-Bridge Motor Driver with Serial Input Control
logo
ATMEL Corporation
ATA6837 ATMEL-ATA6837_09 Datasheet
398Kb / 18P
   High Temperature Hex Half-bridge Driver with Serial Input Control
ATA6837 ATMEL-ATA6837 Datasheet
390Kb / 18P
   High Temperature Hex Half-bridge Driver with Serial Input Control
ATA6839 ATMEL-ATA6839 Datasheet
390Kb / 18P
   High Temperature Hex Half-bridge Driver with Serial Input Control
T6818 ATMEL-T6818_09 Datasheet
577Kb / 15P
   Triple Half bridge Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com