Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCT1008DMN3R2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCT1008DMN3R2G
Description  짹1?C Temperature Monitor with Series Resistance Cancellation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT1008DMN3R2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCT1008DMN3R2G Datasheet HTML 1Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 2Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 3Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 4Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 5Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 6Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 7Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 8Page - ON Semiconductor NCT1008DMN3R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NCT1008
http://onsemi.com
3
PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
VDD
Positive Supply, 2.8 V to 3.6 V.
2
D+
Positive Connection to Remote Temperature Sensor.
3
D−
Negative Connection to Remote Temperature Sensor.
4
THERM
Open−Drain Output. Can be used to turn a fan on/off or throttle a CPU clock in the event of an
overtemperature condition. Requires pullup resistor.
5
GND
Supply Ground Connection.
6
ALERT/THERM2
Open−Drain Logic Output Used as Interrupt or SMBus ALERT. This can also be configured as a
second THERM output. Requires pullup resistor to VDD.
7
SDATA
Logic Input/Output, SMBus Serial Data. Open−Drain Output. Requires pullup resistor.
8
SCLK
Logic Input, SMBus Serial Clock. Requires pullup resistor.
NOTE: The ground slug on 3x3 package can be left unconnected.
SMBus/I2C TIMING SPECIFICATIONS (Note 1)
Parameter
Limit at TMIN and TMAX
Unit
Description
fSCLK
400
kHz max
tLOW
1.3
ms min
Clock low period, between 10% points.
tHIGH
0.6
ms min
Clock high period, between 90% points.
tR
300
ns max
Clock/data rise time.
tF
300
ns max
Clock/data fall time.
tSU; STA
600
ns min
Start condition setup time.
tHD; STA (Note 2)
600
ns min
Start condition hold time.
tSU; DAT (Note 3)
100
ns min
Data setup time.
tSU; STO (Note 4)
600
ns min
Stop condition setup time.
tBUF
1.3
ms min
Bus free time between stop and start conditions.
1. Guaranteed by design, but not production tested.
2. Time from 10% of SDATA to 90% of SCLK.
3. Time for 10% or 90% of SDATA to 10% of SCLK.
4. Time for 90% of SCLK to 10% of SDATA.
Figure 2. Serial Bus Timing
SCLK
SDATA
tR
tF
tLOW
tHD;DAT
tHD;STA
tHIGH
tSU;DAT
STOP START
STOP
START
tSU;STA
tSU;STO
tHD;STA
tBUF


Similar Part No. - NCT1008DMN3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT1008DMN3R2G ONSEMI-NCT1008DMN3R2G Datasheet
333Kb / 20P
   Temperature Monitor
July, 2012 ??Rev. 6
More results

Similar Description - NCT1008DMN3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NVT211 ONSEMI-NVT211 Datasheet
287Kb / 19P
   1C Temperature Monitor with Series Resistance Cancellation
December, 2013 ??Rev. 0
NVT210 ONSEMI-NVT210 Datasheet
331Kb / 20P
   1C Temperature Monitor with Series Resistance Cancellation
May, 2013 ??Rev. 7
NCT214 ONSEMI-NCT214 Datasheet
253Kb / 20P
   1C Temperature Monitor with Series Resistance Cancellation
April, 2014 ??Rev. 4
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com