Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U20A3CIC Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # U20A3CIC
Description  SEMICONDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

U20A3CIC Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  U20A3CIC_10 Datasheet HTML 1Page - KEC(Korea Electronics) U20A3CIC_10 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2010. 8. 12
1/2
SEMICONDUCTOR
TECHNICAL DATA
U20A3CIC
ULTRA FAST RECOVERY
RECTIFIER DIODE
Revision No : 1
SWITCHING TYPE POWER SUPPLY APPLICATION
CONVERTER & CHOPPER APPLICATION.
FEATURES
・Ultra-Fast Recovery Time for High Efficiency.
・Low Forward Voltage Drop, High Current Capability,
and Low Power Loss.
APPLICATION
・Switching Power Supply.
・Home Appliances, Office Equipment.
・Telecommunication, Factory Automation.
DIM MILLIMETERS
TO-220IS
0.76+0.09/-0.05
A
B
C
D
E
F
G
0.5+0.1/-0.05
H
1.2+0.25/-0.1
1.5+0.25/-0.1
J
K
L
M
N
P
Q
R
1
2
3
L
N
M
D
N
H
E
R
L
S
0.5 Typ
S
D
A
C
2.70 0.3
+_
12.0 0.3
+_
13.6 0.5
+_
3.7 0.2
+_
Φ3.2 0.2
+_
10.0 0.3
+_
15.0 0.3
+_
3.0 0.3
+_
4.5 0.2
+_
2.54 0.1
+_
+
2.6 0.2
_
6.8 0.1
+_
1. ANODE
2. CATHODE
3. ANODE
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
(Note1) : Average forward current of centertap full wave connection.
(Note2) : A Value of one cell.
3
1
2
MAXIMUM RATINGS (Ta=25
℃)
POLARITY
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
350
V
Average Output Rectified Current
(Tc=94
)
(Note1)
IO
20
A
Peak One Cycle Surge Forward
Current (Non-Repetitive)
IFSM
100
(60Hz)
A
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
(Note2)
VFM
IFM=10A
-
-
1.3
V
Reverse Current
(Note2)
IRM
VRM=300V
-
-
10
μA
Reverse Recovery Time
(Note2)
trr
IF=0.5A, IR=1A, Irr=0.25A
-
-
25
ns
Thermal Resistance
(Note2)
Rth(j-c)
Junction to Case
-
-
3
℃/W


Similar Part No. - U20A3CIC_10

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
U20A3CIC KEC-U20A3CIC_11 Datasheet
369Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
U20A3CIC KEC-U20A3CIC_15 Datasheet
369Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
More results

Similar Description - U20A3CIC_10

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com