Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4004A Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT4004A
Description  Constant Current LED Driver with 32 Dimming Levels and Rset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4004A Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT4004A Datasheet HTML 3Page - ON Semiconductor CAT4004A Datasheet HTML 4Page - ON Semiconductor CAT4004A Datasheet HTML 5Page - ON Semiconductor CAT4004A Datasheet HTML 6Page - ON Semiconductor CAT4004A Datasheet HTML 7Page - ON Semiconductor CAT4004A Datasheet HTML 8Page - ON Semiconductor CAT4004A Datasheet HTML 9Page - ON Semiconductor CAT4004A Datasheet HTML 10Page - ON Semiconductor CAT4004A Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CAT4002A, CAT4004A
http://onsemi.com
8
PACKAGE DIMENSIONS
UDFN8, 2x2
CASE 517AW−01
ISSUE O
E2
D2
L
E
PIN #1 INDEX AREA
PIN #1
IDENTIFICATION
DETAIL A
D
A1
b
e
A
TOP VIEW
SIDE VIEW
DETAIL A
BOTTOM VIEW
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC MO-229.
SYMBOL
MIN
NOM
MAX
A
0.45
0.50
0.55
A1
0.00
0.02
0.05
b
0.18
0.25
0.30
D
1.90
2.00
2.10
D2
1.50
1.60
1.70
E
2.00
E2
0.80
0.90
1.00
e
1.90
0.50 BSC
2.10
L
0.20
0.30
0.45


Similar Part No. - CAT4004A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
CAT4004AHU2-GT3 ONSEMI-CAT4004AHU2-GT3 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
CAT4004AHU2-GT3 ONSEMI-CAT4004AHU2-GT3 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
More results

Similar Description - CAT4004A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4002B ONSEMI-CAT4002B Datasheet
183Kb / 11P
   Constant Current Programmable LED Driver with 32 Dimming Levels
January, 2010 ??Rev. 2
CAT3649 ONSEMI-CAT3649_14 Datasheet
303Kb / 13P
   6-Channel LED Driver with 32 Dimming Levels & PWM
August, 2014 ??Rev. 3
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649 Datasheet
304Kb / 14P
   6-Channel Quad-Mode LED Driver with 32 Dimming Levels & PWM
November, 2010 ??Rev. 2
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
   HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
   PWM dimming LED constant current driver chip
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com