Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97674IRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL97674IRZ
Description  6-Channel LED Driver with Phase Shift Control and Frame Rate to Dimming Frequency Synchronization
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97674IRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL97674IRZ Datasheet HTML 1Page - Intersil Corporation ISL97674IRZ Datasheet HTML 2Page - Intersil Corporation ISL97674IRZ Datasheet HTML 3Page - Intersil Corporation ISL97674IRZ Datasheet HTML 4Page - Intersil Corporation ISL97674IRZ Datasheet HTML 5Page - Intersil Corporation ISL97674IRZ Datasheet HTML 6Page - Intersil Corporation ISL97674IRZ Datasheet HTML 7Page - Intersil Corporation ISL97674IRZ Datasheet HTML 8Page - Intersil Corporation ISL97674IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ISL97674
2
FN7634.0
June 25, 2010
Block Diagram
FIGURE 2. ISL97674 BLOCK DIAGRAM
45V*, 25mA per string
78 (6x13) LEDs
REF
GEN
GM
AMP
COMP
+
-
+
-
CH0
CH5
VIN = 4.5V~26.5V
Logic
FET
Drivers
OVP
REG
LX
ISL97674
OSC &
RAMP
Comp
Σ=0
Imax
ILIMIT
PLL
Fault/Status
Register
Highest VF
String Detect
VDC
Temp
Sensor
Fault/Status
Register
EN/PWM
PGND
RSET
+
-
GND
VIN
REG
Fault/Status
Register
O/P Short
REF_OVP
REF_VSC
Bias
+
-
DAC0
PWM0
Controls
10uH/3A
4.7uF/50V
CH1
pe
Open Ckt, Short Ckt
Detects
DAC1
PWM1
Controls
DAC5
PWM5
Controls
PWM
Ctrl Ckt
0
1
DAC5
DAC1
DAC0
Fault/Status Control
OVP
5
PWM5
PWM1
PWM0
VSET
Boost SW
fsw
Segmentation
Slew Rate Ctrl
Phase
Shift
Controller
PLLC
VSYNC
FAULT
SCL
SDA
I2C
Control
* Vin > 6V
40mA
*VIN > 12V


Similar Part No. - ISL97674IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97674IRZ RENESAS-ISL97674IRZ Datasheet
1Mb / 29P
   6-Channel LED Driver with Phase Shift Control and Frame Rate to Dimming Frequency Synchronization
Sept 8, 2017
More results

Similar Description - ISL97674IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97674 RENESAS-ISL97674 Datasheet
1Mb / 29P
   6-Channel LED Driver with Phase Shift Control and Frame Rate to Dimming Frequency Synchronization
Sept 8, 2017
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
   6-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
ISL97671A RENESAS-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
logo
Intersil Corporation
ISL97671 INTERSIL-ISL97671_10 Datasheet
626Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com