Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97672IRZ-EVAL Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL97672IRZ-EVAL
Description  6-Channel LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97672IRZ-EVAL Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL97672IRZ-EVAL Datasheet HTML 7Page - Intersil Corporation ISL97672IRZ-EVAL Datasheet HTML 8Page - Intersil Corporation ISL97672IRZ-EVAL Datasheet HTML 9Page - Intersil Corporation ISL97672IRZ-EVAL Datasheet HTML 10Page - Intersil Corporation ISL97672IRZ-EVAL Datasheet HTML 11Page - Intersil Corporation ISL97672IRZ-EVAL Datasheet HTML 12Page - Intersil Corporation ISL97672IRZ-EVAL Datasheet HTML 13Page - Intersil Corporation ISL97672IRZ-EVAL Datasheet HTML 14Page - Intersil Corporation ISL97672IRZ-EVAL Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ISL97672
11
FN7632.0
June 24, 2010
Fault Protection and Monitoring
The ISL97672 features extensive protection functions to
cover all the perceivable failure conditions. The failure
mode of a LED can be either open circuit or as a short.
The behavior of an open circuited LED can additionally
take the form of either infinite resistance or, for some
LEDs, a zener diode, which is integrated into the device
in parallel with the now opened LED.
For basic LEDs (which do not have built-in zener diodes),
an open circuit failure of an LED will only result in the loss
of one channel of LEDs without affecting other channels.
Similarly, a short circuit condition on a channel that
results in that channel being turned off does not affect
other channels unless a similar fault is occurring.
Due to the lag in boost response to any load change at its
output, certain transient events (such as LED current
steps or significant step changes in LED duty cycle) can
transiently look like LED fault modes. The ISL97672 uses
feedback from the LEDs to determine when it is in a
stable operating region and prevents apparent faults
during these transient events from allowing any of the
LED stacks to fault out. See Table 1 for more details.
A fault condition that results in an input current that
exceeds the devices electrical limits will result in a
shutdown of all output channels.
Short Circuit Protection (SCP)
The short circuit detection circuit monitors the voltage on
each channel and disables faulty channels which are
above approximately 5V (the action taken is described in
Table 1).
Open Circuit Protection (OCP)
When one of the LEDs becomes open circuit, it can
behave as either an infinite resistance or a gradually
increasing finite resistance. The ISL97672 monitors the
current in each channel such that any string which
reaches the intended output current is considered
“good”. Should the current subsequently fall below the
target, the channel will be considered an “open circuit”.
Furthermore, should the boost output of the ISL97672
reaches the OVP limit or should the lower
over-temperature threshold be reached, all channels
which are not “good” will immediately be considered as
“open circuit”. Detection of an “open circuit” channel will
result in a time-out before disabling of the affected
channel. This time-out is sped up when the device is
above the lower over-temperature threshold in an
attempt to prevent the upper over-temperature trip
point from being reached.
Some users employ some special types of LEDs that have
zener diode structure in parallel with the LED for ESD
enhancement and enabling open circuit operation. When
this type of LED is open circuited, the effect is as if the
LED forward voltage has increased but no lighting. Any
affected string will not be disabled, unless the failure
results in the boost OVP limit being reached, allowing all
other LEDs in the string to remain functional. Care should
be taken in this case that the boost OVP limit and SCP
limit are set properly, so as to make sure that multiple
failures on one string do not cause all other good
channels to be faulted out. This is due to the increased
forward voltage of the faulty channel making all other
channels look as if they have LED shorts. See Table 1 for
details regarding responses to fault conditions.
Overvoltage Protection (OVP)
The integrated OVP circuit monitors the output voltage
and keeps the voltage at a safe level. The OVP threshold
is set as Equation 5:
These resistors should be large to minimize the power
loss. For example, a 1MkΩ RUPPER and 30kΩ RLOWER sets
OVP to 41.2V. Large OVP resistors also allow COUT
discharges slowly during the PWM Off time. Parallel
capacitors should also be placed across the OVP resistors
such that RUPPER/RLOWER = CLOWER/CUPPER. Using a
CUPPER value of at least 30pF is recommended. These
capacitors reduce the AC impedance of the OVP node,
which is important when using high value resistors.
Undervoltage Lockout
If the input voltage falls below the UVLO level of 2.45V,
the device will stop switching and be reset. Operation will
restart only if the VIN is back in the normal operating
range.
Input Overcurrent Protection
During normal switching operation, the current through
the internal boost power FET is monitored. If the current
exceeds the current limit, the internal switch will be
turned off. This monitoring happens on a cycle-by-cycle
basis in a self protecting way.
Additionally, the ISL97672 monitors the voltage at the LX
and OVP pins. At start-up, a fixed current is injected out
of the LX pins and into the output capacitor. The device
will not start-up unless the voltage at LX exceeds 1.2V.
The OVP pin is also monitored such that if it rises above
and subsequently falls below 20% of the target OVP
level, the input protection FET will also be switched off.
Over-Temperature Protection (OTP)
The ISL97672 includes two over-temperature thresholds.
The lower threshold is set to +130°C. When this
threshold is reached, any channel which is outputting
current at a level significantly below the regulation target
will be treated as “open circuit” and disabled after a time-
out period. This time-out period is also reduced to 800µs
when it is above the lower threshold. The intention of the
lower threshold is to allow bad channels to be isolated
and disabled before they cause enough power dissipation
(as a result of other channels having large voltages
across them) to hit the upper temperature threshold.
The upper threshold is set to +150°C. Each time this is
reached, the boost will stop switching and the output
current sources will be switched off. Once the device has
OVP
1.21V
R
UPPER
R
LOWER
+
() R
LOWER
×
=
(EQ. 5)


Similar Part No. - ISL97672IRZ-EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672IRZ-EVAL INTERSIL-ISL97672IRZ-EVAL Datasheet
531Kb / 17P
   6-Channel LED Driver Current Matching 짹0.7%
More results

Similar Description - ISL97672IRZ-EVAL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97672 RENESAS-ISL97672 Datasheet
919Kb / 17P
   6-Channel LED Driver
Sep 8, 2017
logo
Intersil Corporation
ISL97636AIRZ INTERSIL-ISL97636AIRZ Datasheet
651Kb / 18P
   6-Channel LED Driver
May 9, 2008
ISL97636A INTERSIL-ISL97636A Datasheet
650Kb / 18P
   6-Channel LED Driver
logo
Copal Electronics
AN30 COPAL-AN30 Datasheet
397Kb / 7P
   6-Channel LED Driver
logo
Renesas Technology Corp
ISL97636A RENESAS-ISL97636A Datasheet
1Mb / 18P
   6-Channel LED Driver
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
   6-Channel White LED Driver
logo
Intersil Corporation
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ-TK INTERSIL-ISL97635AIRZ-TK Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
   SMBus 6-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com