Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54226IRTZ-T7A Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL54226IRTZ-T7A
Description  High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54226IRTZ-T7A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL54226IRTZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL54226IRTZ-T7A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL54226
6
FN7614.0
July 29, 2010
Positive Supply Current, IDD VDD = 3.6V, OE/ALM = 1.4V
25
-
25
32
µA
Full
-
-
38
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VOE/ALML VDD = 2.7V to 3.6V
Full
-
-
0.5
V
Input Voltage High, VOE/ALMH VDD = 2.7V to 3.6V
Full
1.4
--
V
Input Voltage Low, VOE/ALML VDD = 3.7V to 4.2V
Full
-
-
0.7
V
Input Voltage High, VOE/ALMH VDD = 3.7V to 4.2
Full
1.7
--
V
Input Voltage Low, VOE/ALML VDD = 4.3V to 5.25V
Full
-
-
0.8
V
Input Voltage High, VOE/ALMH VDD = 4.3V to 5.25V
Full
2.0
--
V
Input Current, IOE/ALML
VDD = 5.25V, OE/ALM = 0V
Full
-
-8.2
-
nA
Input Current, IOE/ALMH
VDD = 5.25V, OE/ALM = 5.25V, 4MΩ
Pull-down
Full
-
1.4
-
µA
NOTES:
10. VLOGIC = Input voltage to perform proper function.
11. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this
data sheet.
12. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
13. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal
range.
14. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel
with lowest max rON value.
15. Limits established by characterization and are not production tested.
Electrical Specifications - 2.7V to 5.25V Supply Test Conditions: VDD = +3.3V, GND = 0V, VOE/ALMH =1.4V,
VOE/ALML = 0.5V, (Note 10), Unless Otherwise Specified. Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12) TYP
MAX
(Notes 11, 12) UNITS
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the
opposite logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
50%
tr < 20ns
tf < 20ns
tOFF
90%
VDD
0V
VINPUT
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
VOUT
V(INPUT)
RL
RL rON
+
------------------------
=
SWITCH
INPUT
VIN
VOUT
RL
CL
Dx
COMx
50
Ω
50pF
GND
VDD
C
OE/ALM
VINPUT


Similar Part No. - ISL54226IRTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54226IRTZ-T7A RENESAS-ISL54226IRTZ-T7A Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
More results

Similar Description - ISL54226IRTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Fairchild Semiconductor
FSUSB46 FAIRCHILD-FSUSB46 Datasheet
448Kb / 2P
   Hi-Speed USB2.0 (480Mbps) DPST Switch with Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Intersil Corporation
ISL54225 INTERSIL-ISL54225_10 Datasheet
758Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
807Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com