Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL31486EIRTZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL31486EIRTZ
Description  Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31486EIRTZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL31486EIRTZ Datasheet HTML 1Page - Intersil Corporation ISL31486EIRTZ Datasheet HTML 2Page - Intersil Corporation ISL31486EIRTZ Datasheet HTML 3Page - Intersil Corporation ISL31486EIRTZ Datasheet HTML 4Page - Intersil Corporation ISL31486EIRTZ Datasheet HTML 5Page - Intersil Corporation ISL31486EIRTZ Datasheet HTML 6Page - Intersil Corporation ISL31486EIRTZ Datasheet HTML 7Page - Intersil Corporation ISL31486EIRTZ Datasheet HTML 8Page - Intersil Corporation ISL31486EIRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ISL31480E, ISL31483E, ISL31485E, ISL31486E
3
FN7638.0
June 25, 2010
Pin Descriptions
PIN
NAME
ISL31480E
PIN #
ISL31483E
PIN #
ISL31485E
PIN #
ISL31486E
(12 LD)
PIN #
ISL31486E
(10 LD)
PIN #
ISL31486E
(14 LD)
PIN #
FUNCTION
RO
22
11
11
Receiver output. On the ISL31480E,
or if INV or RINV is low, then: If
A - B ≥ -10mV, RO is high; if A - B ≤
-200mV, RO is low. If INV or RINV is
high, then: If B - A ≥ -10mV, RO is
high; if B - A ≤ -200mV, RO is low.
In all cases, RO = High if A and B
are unconnected (floating), or
shorted together, or connected to
an undriven, terminated bus (i.e.,
Rx is always failsafe open, shorted,
and idle, even if polarity is
inverted).
RE
43
N/A
2
22
Receiver output enable. RO is
enabled when RE is low; RO is high
impedance when RE is high.
Internally pulled low.
DE
34
34
44
Driver output enable. The driver
outputs, Y and Z, are enabled by
bringing DE high, and they are high
impedance when DE is low.
Internally pulled high (to VL on
ISL31480E and ISL31486E; to VCC
on other versions).
DI
55
45
56
Driver input. On the ISL31480E, or
if INV or DINV is low, a low on DI
forces output Y low and output Z
high, while a high on DI forces
output Y high and output Z low.
The output states relative to DI
invert if INV or DINV is high.
GND
6
6, 7
5
7, 8
6
8, 9
Ground connection.This is also the
potential of the TDFN EPAD.
A/Y
8
N/A
6
9
7
11
±60V Fault Protected
RS-485/RS-422 level I/O pin. On
the ISL31480E, or if INV is low, A/Y
is the non-inverting receiver input
and non-inverting driver output. If
INV is high, A/Y is the inverting
receiver input and the inverting
driver output. Pin is an input if
DE = 0; pin is an output if DE = 1.
B/Z
9
N/A
7
10
8
12
±60V Fault Protected
RS-485/RS-422 level I/O pin. On
the ISL31480E, or if INV is low, B/Z
is the inverting receiver input and
inverting driver output. If INV is
high, B/Z is the non-inverting
receiver input and the non-
inverting driver output. Pin is an
input if DE = 0; pin is an output if
DE = 1.
A
N/A
12
N/A
N/A
N/A
N/A
±60V Fault Protected
RS-485/RS-422 level input. If RINV
is low, then A is the non-inverting
receiver input. If RINV is high, then
A is the inverting receiver input.


Similar Part No. - ISL31486EIRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31486E INTERSIL-ISL31486E Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results

Similar Description - ISL31486EIRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com