Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28130 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL28130
Description  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28130 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28130 Datasheet HTML 1Page - Intersil Corporation ISL28130 Datasheet HTML 2Page - Intersil Corporation ISL28130 Datasheet HTML 3Page - Intersil Corporation ISL28130 Datasheet HTML 4Page - Intersil Corporation ISL28130 Datasheet HTML 5Page - Intersil Corporation ISL28130 Datasheet HTML 6Page - Intersil Corporation ISL28130 Datasheet HTML 7Page - Intersil Corporation ISL28130 Datasheet HTML 8Page - Intersil Corporation ISL28130 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ISL28130, ISL28230, ISL28430
5
FN7623.0
August 17, 2010
Absolute Maximum Ratings
Thermal Information
Max Supply Voltage V+ to V- . . . . . . . . . . . . . . . . . . . .6.5V
Max Voltage VIN to GND . . . . . . (V- - 0.3V) to (V+ + 0.3V)V
Max Input Differential Voltage . . . . . . . . . . . . . . . . . . 6.5V
Max Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Max Voltage VOUT to GND (10s) . . . . . . . . . . . . . . . .±3.0V
ESD Tolerance (ISL28130)
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . 3000V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . 1500V
ESD Tolerance (ISL28230, ISL28430)
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . 4000V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 400V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . 2000V
Latch-Up Passed Per JESD78B . . . . . . . . . . . . . . . . +125°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
5 Ld SOT-23 (Notes 4, 5) . . . . . . . . .
225
110
5 Ld SC70 (Notes 4, 5) . . . . . . . . . .
206
146
8 Ld SOIC (ISL28130CBZ) (Notes 4, 5)
135
95
8 Ld MSOP (Notes 4, 5) . . . . . . . . . .
180
65
8 Ld SOIC (ISL28230CBZ) (Notes 4, 5)
125
90
14 Ld TSSOP (Notes 4, 5) . . . . . . . .
110
40
14 Ld SOIC (Notes 4, 5) . . . . . . . . .
75
47
Maximum Storage Temperature Range-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
5. For θJC, the “case temp” location is taken at the package top center.
Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25°C, RL = 10kΩ, unless otherwise specified. Boldface
limits apply over the operating temperature range,
0°C to +70°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6) TYP
MAX
(Note 6)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
Vs = 1.65V to 5.5V
-40
±5
40
µV
-46.8
-
46.8
µV
TCVOS
Input Offset Voltage Temperature
Coefficient
-150
20
150
nV/°C
IOS
Input Offset Current
-
-60
-
pA
TCIOS
Input Offset Current Temperature
Coefficient
-0.11
-
pA/°C
IB
Input Bias Current
-250
-
250
pA
Common Mode
Input Voltage
Range
Guaranteed by CMRR
-0.1
-
5.1
V
CMRR
Common Mode Rejection Ratio
VCM = -0.1V to 5.1V
110
125
-
dB
105
--
dB
PSRR
Power Supply Rejection Ratio
Vs = 2.0V to 5.5V
105
138
-
dB
105
--
dB
VOH
Output Voltage Swing, High
4.950
4.981
-
V
VOL
Output Voltage Swing, Low
-
18
50
mV
AOL
Open Loop Gain
RL = 1MΩ
-150
-
dB
V+
Supply Voltage
Guaranteed by VOS
1.65
-
5.5
V
IS
Supply Current, Per Amplifier
RL = OPEN
-
18
25
µA
--
35
µA
ISC+
Output Source Short Circuit Current RL = Short V-
-
15
-
mA


Similar Part No. - ISL28130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28130 INTERSIL-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28130 INTERSIL-ISL28130 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130CBZ INTERSIL-ISL28130CBZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

Similar Description - ISL28130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com