Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2-45157-QR-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # D2-45157-QR-T
Description  Intelligent Digital Amplifier PWM Controller and Audio Processor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

D2-45157-QR-T Datasheet(HTML) 4 Page - Intersil Corporation

  D2-45157-QR-T Datasheet HTML 1Page - Intersil Corporation D2-45157-QR-T Datasheet HTML 2Page - Intersil Corporation D2-45157-QR-T Datasheet HTML 3Page - Intersil Corporation D2-45157-QR-T Datasheet HTML 4Page - Intersil Corporation D2-45157-QR-T Datasheet HTML 5Page - Intersil Corporation D2-45157-QR-T Datasheet HTML 6Page - Intersil Corporation D2-45157-QR-T Datasheet HTML 7Page - Intersil Corporation D2-45157-QR-T Datasheet HTML 8Page - Intersil Corporation D2-45157-QR-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
D2-45057, D2-45157
4
FN6785.0
July 29, 2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage
HVDD[A:D], VDDHV. . . . . . . . . . . . . . . . -0.3V to +28.0V
RVDD, PWMVDD . . . . . . . . . . . . . . . . . . . . -0.3V to 4.0V
CVDD, PLLVDD . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.4V
Input Voltage
Any Input but XTALI . . . . . . . . . . . .-0.3V to RVDD +0.3V
XTALI. . . . . . . . . . . . . . . . . . . . . -0.3V to PLLVDD +0.3V
Input Current, Any Pin but Supplies . . . . . . . . . . . . .±10mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
68 Ld QFN Package (Notes 5, 6) . .
25
1
Maximum Storage Temperature . . . . . . . . -55°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . .-10°C to +85°C
High Voltage Supply Voltage,
HVDD[A:D], VDDHV . . . . . . . . . . . . . . . . . . 9.0V to 26.5V
Digital I/O Supply Voltage, PWMVDD . . . . . . . . . . . . . . 3.3V
Core Supply Voltage, CVDD . . . . . . . . . . . . . . . . . . . . 1.8V
Analog Supply Voltage, PLLVDD . . . . . . . . . . . . . . . . . 1.8V
Minimum Load Impedance (HVDD[A:D]
24.0V), ZL . . . . 4Ω
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
5. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
6. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. Absolute Maximum parameters are not tested in production.
Electrical Specifications TA = +25°C, HVDD[A:D]/VDDHV = 24V, CVDD = PLLVDD = 1.8V ±5%, RVDD = PWMVDD = 3.3V
±10%. All grounds at 0.0V. All voltages referenced to ground. PLL at 294.912MHz, OSC at 24.576MHz, core running at
147.456MHz with typical audio data traffic.
PARAMETER
TEST
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Digital Input High Logic Level (Note 8)
VIH
2-
-
V
Digital Input Low Logic Level (Note 8)
VIL
--
0.8
V
High Level Output Drive Voltage
(IOUT at -Pin Drive Strength Current)
VOH
RVDD - 0.4
-
-
V
Low Level Output Drive Voltage
(IOUT at +Pin Drive Strength Current)
VOL
--
0.4
V
High Level Input Drive Voltage XTALI Pin
VIHX
0.7
-
PLLVDD
V
Low Level Input Drive Voltage XTALI Pin
VILX
--
0.3
V
Input Leakage Current (Note 9)
IIN
--
±10
µA
Input Capacitance
Cin
-
9
-
pF
Output Capacitance
All Outputs Except
OUT[A:D]
Cout
-
9
-
pF
OUT[A:D]
-
190
-
pF
nRESET Pulse Width
tRST
-10
-
ns
Internal Pull-Up Resistance to PWMVDD
(for nERROR0-3, OCFG, nPDN)
--
100
-
Digital I/O Supply Pin Voltage, Current
RVDD
and
PWMVDD
33.3
3.6
V
Active Current
-
10
-
mA
Power-Down Current
-
0.01
-
mA
Core Supply Pins
CVDD
1.7
1.8
1.9
V
Active Current
-
300
-
mA
Power-Down Current
(Note 10)
-6
-
mA


Similar Part No. - D2-45157-QR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-45157-QR-T INTERSIL-D2-45157-QR-T Datasheet
415Kb / 31P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
logo
Renesas Technology Corp
D2-45157-QR-T RENESAS-D2-45157-QR-T Datasheet
1Mb / 30P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
More results

Similar Description - D2-45157-QR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
D2-45057 RENESAS-D2-45057 Datasheet
1Mb / 30P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Intersil Corporation
D2-41051-QR INTERSIL-D2-41051-QR Datasheet
84Kb / 2P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-45057-QR INTERSIL-D2-45057-QR Datasheet
415Kb / 31P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
logo
Renesas Technology Corp
D2-41051 RENESAS-D2-41051 Datasheet
800Kb / 21P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Texas Instruments
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012 Datasheet
230Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001 Datasheet
229Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com