Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9220B Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL9220B
Description  Switching Charger for 1-Cell Li-ion Batteries
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9220B Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL9220B Datasheet HTML 5Page - Intersil Corporation ISL9220B Datasheet HTML 6Page - Intersil Corporation ISL9220B Datasheet HTML 7Page - Intersil Corporation ISL9220B Datasheet HTML 8Page - Intersil Corporation ISL9220B Datasheet HTML 9Page - Intersil Corporation ISL9220B Datasheet HTML 10Page - Intersil Corporation ISL9220B Datasheet HTML 11Page - Intersil Corporation ISL9220B Datasheet HTML 12Page - Intersil Corporation ISL9220B Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ISL9220B
9
FN7652.1
July 2, 2010
If the battery voltage is less than the pre-charge voltage
(VPCHG), the charger operates in LDO mode, with an
output current fixed at 50mA typical. In this mode, the
output voltage can go to 0V. This provides the ability to
recover a battery that has entered a safety-circuit
undervoltage fault mode.
When the cell voltage exceeds the pre-charge voltage
threshold (VPCHG), fast charging will commence. If this
threshold is not reached within the precharge timer
period, a TIME-OUT-FAULT condition is asserted, and the
charger is disabled.
Charge Safety Timer
An internal oscillator establishes a timing reference. The
oscillation period is programmable with an external
capacitor at the TIME pin, CTime, as shown in the “Typical
Application” diagram on page 6. The oscillator charges
the timing capacitor to 1.5V and then discharges it to
0.5V in one period, both with 10μA current. The period
tOSC is:
Where CTime is in F.
A 1nF capacitor provides 0.2ms oscillation period. The
allowable range of CTime value is 100pF to 1μF, providing
a programmable charge safety-timeout range of about
1.4 minutes to almost 10 days.
Total charge time, excluding any time required for
precharge, is limited to a length of TIMEOUT. This can be
calculated using Equation 3:
Total charge time for battery precharge is limited to a
length of 1/8 TIMEOUT. This can be calculated using
Equation 4:
The TIME pin can be grounded to disable the safety timer
functions if not needed.
Fast Charge
The fast charge current is programmed by the resistor
between the ISET1 pin and ground, and by the value of
the RSNS resistor.
Where RISET1 is in kΩ and RSNS is in Ω.
For best accuracy, select RSNS value that provides
between 40mV to 80mV differential voltage across RSNS
at the desired maximum peak current (DC plus ripple).
Charge Termination
Output current is continuously monitored during charge.
When current falls below the taper current threshold,
charging will stop, and BATFUL is asserted to indicate a
successful charge completion. This taper current
threshold is programmed by a single external resistor
between ISET2 and ground.
Where RISET2 is in kΩ and RSNS is in Ω.
A secondary charge termination method is provided via
the safety timer. The timeout period of this timer is
programmable via a single external capacitor between
the TIME pin and ground.
To disable the charge safety timer, tie the TIME pin to
ground.
Charge Current Sensing
Charge current is sensed with an external current sense
resistor. A low-inductance, precision resistor should be
used for best performance.
Input Current Sensing
Input current is sensed with an external sense resistor. A
low-inductance, precision resistor should be used for
accurate input current limit.
An internal amplifier compares the voltage between CSIP
and CSIN, and limits the current when this differential
voltage exceeds the threshold voltage. The effective
input current limit threshold is thus set by the value of
the RICS resistor as calculated by Equation 7.
Where RICS is in Ω.
The ISL9220, ISL9220A limits the battery charge current
when the input current limit threshold is exceeded. This
allows the most efficient use of AC-adapter power
without overloading the adapter output.
A low pass filter is suggested to eliminate the switching
noise, as shown in “Typical Application” on page 6.
Status Outputs
STAT1 and STAT2 are configured to indicate various
charging conditions as given in Table 1.
A fault status is triggered under one of these conditions:
1. VBAT > VOUT_OVP threshold
2. Timeout occurs before the EOC current has been
reached
IPCHG
50mA
=
(EQ. 1)
tOSC
0.2 10
6
×
CTime
×
Sec
()
=
(EQ. 2)
TIMEOUT
2
22
TOSC
×
Sec
()
=
(EQ. 3)
TIMEOUT PCHG
()
2
19
TOSC
×
Sec
()
=
(EQ. 4)
ICHG
1946
RISET1 RSNS
×
-------------------------------------------
mA
()
=
(EQ. 5)
TABLE 1. STAT1 AND STAT2 TRUE TABLE
STAT1
STAT2
CHARGING CONDITION
L
L
Precharge, or fast charge in progress
L
H
Charge Complete
H
L
Fault
H
H
Suspend
IEOC
1170
RISET2 RSNS
×
-------------------------------------------
mA
()
=
(EQ. 6)
IIN LIM
()
0.1
RICS
--------------
A
()
=
(EQ. 7)


Similar Part No. - ISL9220B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220 INTERSIL-ISL9220 Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220 Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
ISL9220A INTERSIL-ISL9220A Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results

Similar Description - ISL9220B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Integrated Device Techn...
ZSPM4551 IDT-ZSPM4551 Datasheet
463Kb / 29P
   High-Efficiency Charger for Li-Ion Batteries
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Renesas Technology Corp
ZSPM4551 RENESAS-ZSPM4551 Datasheet
636Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com