Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2-45057-QR-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # D2-45057-QR-T
Description  Intelligent Digital Amplifier PWM Controller and Audio Processor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

D2-45057-QR-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button D2-45057-QR-T Datasheet HTML 6Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 7Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 8Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 9Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 10Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 11Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 12Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 13Page - Intersil Corporation D2-45057-QR-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
D2-45057, D2-45157
10
FN6785.0
July 29, 2010
Pin Description
PIN
PIN
NAME
(Note 13) TYPE
VOLTAGE
LEVEL
(V)
DESCRIPTION
1
nRESET
I
3.3
Active low reset input with hysteresis. Low level activates system level reset, initializing all
internal logic and program operations. System latches boot mode selection on the IRQ input
pins on the rising edge.
2TEMPCOM/
TIO0
I/O
3.3
Board temperature monitor common I/O pin. When operating as output, provides 16mA
drive strength.
3
SDA
I/O
3.3
Two-Wire Serial data port, open drain driver with 8mA drive strength. Bidirectional signal
used by both the master and slave controllers for data transport. Pin floats on reset.
4
SCL
I/O
3.3
Two-Wire Serial clock port, open drain driver with 8mA drive strength. Bidirectional signal
is used by both the master and slave controllers for clock signaling. Pin floats on reset.
5SCLK
I
3.3
I2S Serial Audio Bit Clock (SCLK) Input. Input has hysteresis.
6SDIN
I
3.3
I2S Serial Audio Data (SDIN) Input. Input has hysteresis.
7LRCK
I
3.3
I2S Serial Audio Left/Right (LRCK) Input. Input has hysteresis.
8MCLK
O
3.3
I2S Serial Audio Master Clock output for external ADC/DAC components, drives low on reset.
Output is an 8mA driver.
9
CVDD
P
3.3
Core power, +1.8VDC. Used in the chip internal DSP, logic and interfaces.
10
CGND
GND
3.3
Core ground.
11
RGND
GND
3.3
Digital pad ring ground. Internally connected to PWMGND.
12
RVDD
P
3.3
Digital pad ring power, 3.3V. This 3.3V supply is used for all the digital I/O pad drivers and
receivers, except for the analog pads. There are 2 of these pins and both are required to be
connected. Internally connected to PWMVDD.
13 TEMPREF/
SCK
I/O
3.3
Reference pin for temperature monitor and SPI clock. At de-assertion of device reset, pin
operates as SPI clock with 8mA drive strength. Upon internal D2-45057, D2-45157 firmware
execution, pin becomes temperature monitor reference.
14
nMUTE/
TIO1
O
3.3
Mute signal output. Low active: mute condition drives pin low. Output is a 16mA driver.
Initializes as input on reset, then becomes output upon internal firmware execution.
15
VOL1/
MISO
I/O
3.3
Volume control pulse input and SPI master- input/slave-output data signal. At de-assertion
of device reset, pin operates as SPI master input or slave output. (When operating as
output, provides 4mA drive strength.) Then upon internal D2-45057, D2-45157 firmware
execution, pin becomes input for monitoring up/down phase pulses from volume control.
(1 of 2 volume input pins.)
16
TEMP1/
MOSI
I/O
3.3
Board temperature monitor pin, and SPI master-output/slave-input data signal. At de-
assertion of device reset, pin operates as SPI master output or slave input. (When operating
as output, provides 4mA drive strength.) Then upon internal D2-45057, D2-45157 firmware
execution, pin becomes input for monitoring board temperature.
17
SPDIFRX
I
3.3
S/PDIF Digital audio data input
18
SPDIFTX
O
3.3
S/PDIF Digital audio data output This pin is the S/PDIF audio output and drives a 8mA, 3.3V
stereo output up to 192kHz. Pin floats on reset.
19
TEST
I
3.3
Hardware test mode control. For factory use only. Must be tied low.
20
IRQA
I
3.3
Interrupt request port A. One of 2 IRQ pins, tied to logic (3.3V) high or to ground. High/low
logic status establishes boot mode selection upon de-assertion of reset (nRESET) cycle.
21
IRQB
I
3.3
Interrupt request port B. One of 2 IRQ pins, tied to logic (3.3V) high or to ground. High/low
logic status establishes boot mode selection upon de-assertion of reset (nRESET) cycle.
22
RGND
GND
3.3
Digital pad ring ground. Internally connected to PWMGND.
23
RVDD
P
3.3
Digital pad ring power, 3.3V. This 3.3V supply is used for all the digital I/O pad drivers and
receivers, except for the analog pads. There are 2 of these pins and both are required to be
connected. Internally connected to PWMVDD.


Similar Part No. - D2-45057-QR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-45057-QR-T INTERSIL-D2-45057-QR-T Datasheet
415Kb / 31P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
logo
Renesas Technology Corp
D2-45057-QR-T RENESAS-D2-45057-QR-T Datasheet
1Mb / 30P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
More results

Similar Description - D2-45057-QR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
D2-45057 RENESAS-D2-45057 Datasheet
1Mb / 30P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Intersil Corporation
D2-41051-QR INTERSIL-D2-41051-QR Datasheet
84Kb / 2P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
D2-45057-QR INTERSIL-D2-45057-QR Datasheet
415Kb / 31P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
July 29, 2010
logo
Renesas Technology Corp
D2-41051 RENESAS-D2-41051 Datasheet
800Kb / 21P
   Intelligent Digital Amplifier PWM Controller and Audio Processor
logo
Texas Instruments
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012 Datasheet
230Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001 Datasheet
229Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com