Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54426PWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54426PWP
Description  4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54426PWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54426PWP Datasheet HTML 6Page - Texas Instruments TPS54426PWP Datasheet HTML 7Page - Texas Instruments TPS54426PWP Datasheet HTML 8Page - Texas Instruments TPS54426PWP Datasheet HTML 9Page - Texas Instruments TPS54426PWP Datasheet HTML 10Page - Texas Instruments TPS54426PWP Datasheet HTML 11Page - Texas Instruments TPS54426PWP Datasheet HTML 12Page - Texas Instruments TPS54426PWP Datasheet HTML 13Page - Texas Instruments TPS54426PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
0
5
10
15
20
V -InputVoltage-V
I
1
1.025
1.05
1.075
1.1
I =1 A
O
I =10mA
O
Vout(50mV/div)
Iout(2 A/div)
100ms/div
40
50
60
70
80
90
100
0
1
2
3
4
I -OutputCurrent- A
O
V =3.3V
O
V =1.8V
O
V =2.5V
O
EN-10V/div
V
-0.5V/div
OUT
PG-5V/div
400 s/div
m
TPS54426
SLVSAD6 – AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
1.05V OUTPUT VOLTAGE
vs
INPUT VOLTAGE
1.05V 50mA to 4A LOAD TRANSIENT RESPONSE
Figure 5.
Figure 6.
EFFICIENCY
vs
STARTUP WAVEFORM
OUTPUT CURRENT
Figure 7.
Figure 8.
10
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS54426


Similar Part No. - TPS54426PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54426PWP TI-TPS54426PWP Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54426PWPR TI-TPS54426PWPR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
More results

Similar Description - TPS54426PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com