Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A49 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A49
Description  36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A49 Datasheet(HTML) 4 Page - Texas Instruments

  TPS7A49 Datasheet HTML 1Page - Texas Instruments TPS7A49 Datasheet HTML 2Page - Texas Instruments TPS7A49 Datasheet HTML 3Page - Texas Instruments TPS7A49 Datasheet HTML 4Page - Texas Instruments TPS7A49 Datasheet HTML 5Page - Texas Instruments TPS7A49 Datasheet HTML 6Page - Texas Instruments TPS7A49 Datasheet HTML 7Page - Texas Instruments TPS7A49 Datasheet HTML 8Page - Texas Instruments TPS7A49 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Error
Amp
Thermal
Shutdown
FB
OUT
GND
EN
IN
NR/SS
Pass
Device
UVLO
Current
Limit
Enable
V
REF
Where:
V
OUT
R +R
1
2
³ 5 A,and
m
V
OUT
V
REF
- 1
R =R
1
2
TPS7A4901
OUT
FB
GND
C
10 F
IN
m
C
10nF
NR/SS
R
1
R
2
C
10nF
BYP
C
10 F
OUT
m
IN
EN
NR/SS
V
IN
V
OUT
TPS7A49xx
SBVS121A – AUGUST 2010 – REVISED SEPTEMBER 2010
www.ti.com
DEVICE INFORMATION
FUNCTIONAL BLOCK DIAGRAM
TYPICAL APPLICATION CIRCUIT
Maximize PSRR Performance and Minimize RMS Noise
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - TPS7A49

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A49 TI-TPS7A49 Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
TPS7A4901 TI1-TPS7A4901 Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNR TI1-TPS7A4901DGNR Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNR TI-TPS7A4901DGNR Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
TPS7A4901DGNT TI1-TPS7A4901DGNT Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
More results

Similar Description - TPS7A49

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4901 TI1-TPS7A4901 Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
Texas Instruments
TPS7A49 TI-TPS7A49_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
logo
AiT Semiconductor Inc.
A6154 AITSEMI-A6154 Datasheet
683Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 36V, 150mA, ULTRALOW POWER CONSUMPTION
REV1.0
logo
Analog Devices
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com