Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA209AIDGKT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA209AIDGKT
Description  OPERATIONAL AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA209AIDGKT Datasheet(HTML) 3 Page - Texas Instruments

  OPA209AIDGKT Datasheet HTML 1Page - Texas Instruments OPA209AIDGKT Datasheet HTML 2Page - Texas Instruments OPA209AIDGKT Datasheet HTML 3Page - Texas Instruments OPA209AIDGKT Datasheet HTML 4Page - Texas Instruments OPA209AIDGKT Datasheet HTML 5Page - Texas Instruments OPA209AIDGKT Datasheet HTML 6Page - Texas Instruments OPA209AIDGKT Datasheet HTML 7Page - Texas Instruments OPA209AIDGKT Datasheet HTML 8Page - Texas Instruments OPA209AIDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
OPA209
OPA2209
OPA4209
www.ti.com
SBOS426B – NOVEMBER 2008 – REVISED AUGUST 2010
ELECTRICAL CHARACTERISTICS: VS = ±2.25V to ±18V
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to midsupply, and VCM = VOUT = midsupply, unless otherwise noted.
OPA209, OPA2209, OPA4209
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = ±15, VCM = 0V
±35
±150
mV
Drift
dVOS/dT
1
3
mV/°C
vs Power Supply
PSRR
VS = ±2.25V to ±18V
0.05
0.5
mV/V
over Temperature
VS = ±2.25V to ±18V
1
mV/V
Channel Separation, dc (dual and quad versions)
1
mV/V
INPUT BIAS CURRENT
Input Bias Current
IB
VCM = 0V
±1
±4.5
nA
over Temperature, -40°C to +85°C
VCM = 0V
±8
nA
over Temperature, -40°C to +125°C
VCM = 0V
±15
nA
Input Offset Current
IOS
VCM = 0V
±0.7
±4.5
nA
over Temperature, -40°C to +85°C
VCM = 0V
±8
nA
over Temperature, -40°C to +125°C
VCM = 0V
±15
nA
NOISE
Input Voltage Noise,
en
0.13
mVPP
XXXf = 0.1Hz to 10Hz
Noise Density, f = 10Hz
3.3
nV/
√Hz
Noise Density, f = 100Hz
2.25
nV/
√Hz
Noise Density, f = 1kHz
2.2
nV/
√Hz
Input Current Noise Density, f = 1kHz
In
500
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) + 1.5V
(V+) – 1.5V
V
Common-Mode Rejection Ratio, over
CMRR
(V–) + 1.5V < VCM < (V+) – 1.5V
120
130
dB
Temperature
INPUT IMPEDANCE
Differential
200 || 4
k
Ω || pF
Common-Mode
Ω || pF
109 || 2
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
(V–) + 0.2V < VO < (V+) – 0.2V, RL = 10kΩ
126
132
dB
over Temperature
(V–) + 0.2V < VO < (V+) – 0.2V, RL = 10kΩ
120
dB
(V–) + 0.6V < VO < (V+) – 0.6V, RL = 600Ω
(1)
114
120
dB
over Temperature
(V–) + 0.6V < VO < (V+) – 0.6V, RL = 1kΩ
110
dB
FREQUENCY RESPONSE
Gain Bandwidth Product
GBW
18
MHz
Slew Rate
SR
6.4
V/ms
Phase margin
qm
RL = 10kΩ, CL = 25pF
80
Degrees
Settling Time, 0.1%
tS
G = –1, 10V Step, CL = 100pF
2.1
ms
Settling Time, 0.0015% (16-bit)
G = –1, 10V Step, CL = 100pF
2.6
ms
Overload Recovery Time
G = –1
< 1
ms
Total Harmonic Distortion + Noise
THD+N
G = +1, f = 1kHz, VO = 20VPP, 600Ω
0.000025
%
(1)
See the Thermal Information table for additional information.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA209 OPA2209 OPA4209


Similar Part No. - OPA209AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA209 TI-OPA209 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA209 TI-OPA209_15 Datasheet
1Mb / 29P
[Old version datasheet]   2.2nV/?숰z, Low-Power, 36V, Operational Amplifier
More results

Similar Description - OPA209AIDGKT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com