Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2E009 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E009
Description  2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2E009 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD2E009 Datasheet HTML 3Page - Texas Instruments TPD2E009 Datasheet HTML 4Page - Texas Instruments TPD2E009 Datasheet HTML 5Page - Texas Instruments TPD2E009 Datasheet HTML 6Page - Texas Instruments TPD2E009 Datasheet HTML 7Page - Texas Instruments TPD2E009 Datasheet HTML 8Page - Texas Instruments TPD2E009 Datasheet HTML 9Page - Texas Instruments TPD2E009 Datasheet HTML 10Page - Texas Instruments TPD2E009 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
APPLICATION INFORMATION
Typical Application
Designing with High-Speed Differential Signals
TPD2E009
www.ti.com.............................................................................................................................................................. SLVS953A – JUNE 2009 – REVISED JUNE 2009
Figure 13. TPD2E009 in Differential eSATA Interface
Figure 13 shows the board layout scheme for the D+/D– lines of a single differential pair. It allows the differential
signal pairs couple together right after they touch the ESD ports (pin 1 and pin 2) of the TPD2E009.
Layout considerations, such as package selection, trace routing, etc. must be taken into account while designing
the ESD clamp circuit for high-speed interface. Difficult routing can lead the designer to use vias or stubs in the
board traces, creating significant disruption in the line impedance in the high-speed signal path. Poor package
choice can force designer to route differential traces with unequal lengths and add the skew in the signals. It is
recommended to closely couple the differential traces to reduce the EMI interference.
The TPD2E009 can provide system level ESD protection to the high-speed differential ports (>6 Gbps data rate).
The flow-through package offers flexibility for board routing with traces up to 15 mills wide. Figure 14 and
Figure 15 show the board layout scheme for the D+/D– lines of a single differential pair. It allows the differential
signal pairs couple together right after they touch the ESD ports (pin 1 and pin 2) of the TPD2E009.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPD2E009


Similar Part No. - TPD2E009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E009 TI-TPD2E009 Datasheet
929Kb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009 TI1-TPD2E009 Datasheet
1Mb / 18P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009DBZR TI-TPD2E009DBZR Datasheet
929Kb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009DRTR TI-TPD2E009DRTR Datasheet
929Kb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
logo
Shanghai Leiditech Elec...
TPD2E009DRTR LEIDITECH-TPD2E009DRTR Datasheet
1Mb / 6P
   100 Watts Peak Pulse Power per Line (tp=8/20μs)
Rev : 01.06.2015
More results

Similar Description - TPD2E009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E009 TI1-TPD2E009_14 Datasheet
1Mb / 18P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009 Datasheet
929Kb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4S009 TI-TPD4S009_10 Datasheet
1Mb / 17P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_1 Datasheet
706Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com