Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1012 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV1012
Description  AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1012 Datasheet(HTML) 2 Page - Texas Instruments

  TLV1012_10 Datasheet HTML 1Page - Texas Instruments TLV1012_10 Datasheet HTML 2Page - Texas Instruments TLV1012_10 Datasheet HTML 3Page - Texas Instruments TLV1012_10 Datasheet HTML 4Page - Texas Instruments TLV1012_10 Datasheet HTML 5Page - Texas Instruments TLV1012_10 Datasheet HTML 6Page - Texas Instruments TLV1012_10 Datasheet HTML 7Page - Texas Instruments TLV1012_10 Datasheet HTML 8Page - Texas Instruments TLV1012_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
OUTPUT
INPUT
V
CC
GND
+
– +
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
2.2-V ELECTRICAL CHARACTERISTICS
TLV1012
SLCS154A – OCTOBER 2008 – REVISED NOVEMBER 2008 .......................................................................................................................................... www.ti.com
FUNCTIONAL BLOCK DIAGRAM
over operating free-air temperature range (unless otherwise noted)
VCC
Supply voltage
–0.3 V to 5.5 V
VIN
Input voltage
–0.3 V to 0.3 V
θ
JA
Thermal impedance, junction to free air(2)
230.47°C/W
TA
Operating free-air temperature range
–40°C to 85°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Package thermal impedance is calculated according to JESD 51-5.
MIN
MAX
UNIT
VCC
Supply voltage
2
5
V
TA
Operating free-air temperature
–40
85
°C
VCC = 2.2 V, VIN = 18 mV, RL = 2.2 kΩ and CL = 2.2 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
UNIT
25°C
150
240
ICC
Supply current
VIN = GND
µA
Full range
280
SNR
Signal-to-noise ratio
f = 1 kHz, VIN = 18 mVPP, A-weighted
25°C
60
dB
VIN
Maximum input signal
f = 1 kHz, THD+N < 1%
25°C
100
mVPP
25°C
1.70
1.87
1.94
VOUT
Output voltage
VIN = GND
V
Full range
1.63
2.00
fLOW
Lower –3-dB roll-off frequency
RSOURCE = 50 Ω
25°C
65
Hz
fHIGH
Upper –3-dB roll-off frequency
RSOURCE = 50 Ω
25°C
95
kHz
VN
Output noise
A-weighted
25°C
–89
dBV
THD
Total harmonic distortion
f = 1 kHz, VIN = 18 mVPP
25°C
0.013
%
CIN
Input capacitance
25°C
2
pF
ZIN
Input impedance
25°C
>1000
G
25°C
14.0
15.6
16.9
AV
Gain
f = 1 kHz, RSOURCE = 50 Ω
dB
Full range
13.1
17.5
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLV1012


Similar Part No. - TLV1012_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
TLV1018-15YDCR TI-TLV1018-15YDCR Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
TLV1018-25YDCR TI-TLV1018-25YDCR Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
More results

Similar Description - TLV1012_10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1012 NSC-LMV1012 Datasheet
497Kb / 15P
   Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
logo
Texas Instruments
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
logo
National Semiconductor ...
LMV1015 NSC-LMV1015 Datasheet
698Kb / 11P
   Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
logo
Texas Instruments
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
[Old version datasheet]   LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
[Old version datasheet]   LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
logo
National Semiconductor ...
LMV1012-07 NSC-LMV1012-07 Datasheet
88Kb / 3P
   Analog Pre-Amplified IC?셲 for High Gain Microphones
LMV1031-20 NSC-LMV1031-20 Datasheet
690Kb / 10P
   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
Texas Instruments
LMV1031 TI1-LMV1031 Datasheet
726Kb / 12P
[Old version datasheet]   Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
[Old version datasheet]   Amplifiers for 3-Wire Analog Electret Microphones
logo
National Semiconductor ...
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
   Amplifiers for 3 Wire Analog Electret Microphones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com