Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G04DRLR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G04DRLR
Description  LOW-POWER SINGLE INVERTER GATE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G04DRLR Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUP1G04DRLR Datasheet HTML 1Page - Texas Instruments SN74AUP1G04DRLR Datasheet HTML 2Page - Texas Instruments SN74AUP1G04DRLR Datasheet HTML 3Page - Texas Instruments SN74AUP1G04DRLR Datasheet HTML 4Page - Texas Instruments SN74AUP1G04DRLR Datasheet HTML 5Page - Texas Instruments SN74AUP1G04DRLR Datasheet HTML 6Page - Texas Instruments SN74AUP1G04DRLR Datasheet HTML 7Page - Texas Instruments SN74AUP1G04DRLR Datasheet HTML 8Page - Texas Instruments SN74AUP1G04DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AUP
LVC
AUP
AUP
LVC
Static-PowerConsumption
( A)
m
Dynamic-PowerConsumption
(pF)
Single,dual,andtriplegates.
3.3-V
Logic
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
Time(ns)
AUP1G04dataatC =15pF.
L
Output
Input
SwitchingCharacteristics
at25MHz
SN74AUP1G04
SCES571H – JUNE 2004 – REVISED MARCH 2010
www.ti.com
Figure 1. AUP – The Lowest-Power Family
Figure 2. Excellent Signal Integrity
This single inverter gate performs the Boolean function Y = A.
NanoStar™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
ORDERABLE PART
TOP-SIDE
TA
PACKAGE(2)
NUMBER
MARKING(3)
NanoStar™ – WCSP (DSBGA)
Reel of 3000
SN74AUP1G04YFPR
_ _ _ H C _
0.23-mm large bump – YFP
QFN – DRY
Reel of 5000
SN74AUP1G04DRYR
HC
uQFN – DSF
Reel of 5000
SN74AUP1G04DSFR
HC
–40°C to 85°C
SOT (SOT-23) – DBV
Reel of 3000
SN74AUP1G04DBVR
H04_
SOT (SC-70) – DCK
Reel of 3000
SN74AUP1G04DCKR
HC_
SOT (SOT-553) – DRL
Reel of 4000
SN74AUP1G04DRLR
HC_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YFP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
FUNCTION TABLE
INPUT
INPUT
A
B
H
L
L
H
2
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G04


Similar Part No. - SN74AUP1G04DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G04DRLR TI-SN74AUP1G04DRLR Datasheet
236Kb / 12P
[Old version datasheet]   LOW POWER SINGLE INVERTER GATE
SN74AUP1G04DRLR TI1-SN74AUP1G04DRLR Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Inverter Gate
SN74AUP1G04DRLRG4 TI1-SN74AUP1G04DRLRG4 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Inverter Gate
More results

Similar Description - SN74AUP1G04DRLR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AUP1G04 STMICROELECTRONICS-74AUP1G04 Datasheet
396Kb / 18P
   Low power single inverter gate
logo
Texas Instruments
SN74AUP1G04 TI1-SN74AUP1G04_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Inverter Gate
SN74AUP1G04 TI-SN74AUP1G04 Datasheet
236Kb / 12P
[Old version datasheet]   LOW POWER SINGLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
[Old version datasheet]   LOW-POWER DUAL INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com