Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1786DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1786DR
Description  Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1786DR Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD1786DR Datasheet HTML 1Page - Texas Instruments SN65HVD1786DR Datasheet HTML 2Page - Texas Instruments SN65HVD1786DR Datasheet HTML 3Page - Texas Instruments SN65HVD1786DR Datasheet HTML 4Page - Texas Instruments SN65HVD1786DR Datasheet HTML 5Page - Texas Instruments SN65HVD1786DR Datasheet HTML 6Page - Texas Instruments SN65HVD1786DR Datasheet HTML 7Page - Texas Instruments SN65HVD1786DR Datasheet HTML 8Page - Texas Instruments SN65HVD1786DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SN65HVD1785, SN65HVD1786
SN65HVD1787, SN65HVD1791
SN65HVD1792, SN65HVD1793
www.ti.com
SLLS872H – JANUARY 2008 – REVISED FEBRUARY 2010
SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER (HVD1785 AND HVD1791)
tr, tf
Driver differential output rise/fall time
0.4
1.7
2.6
ms
tPHL, tPLH
Driver propagation delay
0.8
2
ms
RL = 54 Ω, CL = 50 pF, See Figure 3
Driver differential output pulse skew,
tSK(P)
20
250
ns
|tPHL – tPLH|
tPHZ, tPLZ
Driver disable time
0.1
5
ms
See Figure 4 and
Receiver enabled
0.2
3
Figure 5
tPZH, tPZL
Driver enable time
ms
Receiver disabled
3
12
DRIVER (HVD1786 AND HVD1792)
tr, tf
Driver differential output rise/fall time
50
300
ns
tPHL, tPLH
Driver propagation delay
200
ns
RL = 54 Ω, CL = 50 pF, See Figure 3
Driver differential output pulse skew,
tSK(P)
25
ns
|tPHL – tPLH|
tPHZ, tPLZ
Driver disable time
3
ms
See Figure 4 and
Receiver enabled
300
ns
Figure 5
tPZH, tPZL
Driver enable time
Receiver disabled
10
ms
Receiver enabled
VCM > VCC
500
ns
DRIVER (HVD1787 AND HVD1793)
tr, tf
Driver differential output rise/fall time
3
30
ns
tPHL, tPLH
Driver propagation delay
50
ns
RL = 54 Ω, CL = 50 pF, See Figure 3
Driver differential output pulse skew,
tSK(P)
10
ns
|tPHL – tPLH|
tPHZ, tPLZ
Driver disable time
3
ms
See Figure 4 and
Receiver enabled
300
ns
Figure 5
tPZH, tPZL
Driver enable time
Receiver disabled
9
ms
Receiver enabled
VCM > VCC
500
ns
RECEIVER (ALL DEVICES UNLESS OTHERWISE NOTED)
tr, tf
Receiver output rise/fall time
4
15
ns
85, 86, 91, 92
100
200
tPHL, tPLH
Receiver propagation delay time
ns
CL = 15 pF,
87, 93
70
See Figure 6
85, 86, 91, 92
6
20
Receiver output pulse skew,
tSK(P)
ns
|tPHL – tPLH|
87, 93
5
tPLZ, tPHZ
Receiver disable time
Driver enabled, See Figure 7
15
100
ns
tPZL(1), tPZH(1)
Driver enabled, See Figure 7
80
300
ns
Receiver enable time
tPZL(2), tPZH(2)
Driver disabled, See Figure 8
3
9
ms
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65HVD1785, SN65HVD1786 SN65HVD1787, SN65HVD1791 SN65HVD1792, SN65HVD1793


Similar Part No. - SN65HVD1786DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1786DR TI-SN65HVD1786DR Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1786DR TI-SN65HVD1786DR Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1786DR TI-SN65HVD1786DR Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1786DRG4 TI-SN65HVD1786DRG4 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1786DRG4 TI-SN65HVD1786DRG4 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
More results

Similar Description - SN65HVD1786DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com