Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5525IPN Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5525IPN
Description  MIXED SIGNAL MICROCONTROLLER
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5525IPN Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F5525IPN Datasheet HTML 1Page - Texas Instruments MSP430F5525IPN Datasheet HTML 2Page - Texas Instruments MSP430F5525IPN Datasheet HTML 3Page - Texas Instruments MSP430F5525IPN Datasheet HTML 4Page - Texas Instruments MSP430F5525IPN Datasheet HTML 5Page - Texas Instruments MSP430F5525IPN Datasheet HTML 6Page - Texas Instruments MSP430F5525IPN Datasheet HTML 7Page - Texas Instruments MSP430F5525IPN Datasheet HTML 8Page - Texas Instruments MSP430F5525IPN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 115 page
background image
MSP430F551x
MSP430F552x
SLAS590D – OCTOBER 2009 – REVISED APRIL 2010
www.ti.com
DESCRIPTION
The Texas Instruments MSP430 family of ultralow-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with extensive
low-power modes, is optimized to achieve extended battery life in portable measurement applications. The
device features a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to
maximum code efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to
active mode in less than 5 µs.
The MSP430F5529, MSP430F5527, MSP430F5525, and MSP430F5521 are microcontroller configurations with
integrated USB and PHY supporting USB 2.0, four 16-bit timers, a high-performance 12-bit analog-to-digital
converter (ADC), two universal serial communication interfaces (USCI), hardware multiplier, DMA, real-time clock
module with alarm capabilities, and 63 I/O pins. The MSP430F5528, MSP430F5526, MSP430F5524, and
MSP430F5522 include all of these peripherals but have 47 I/O pins.
The MSP430F5519, MSP430F5517, and MSP430F5515 are microcontroller configurations with integrated USB
and PHY supporting USB 2.0, four 16-bit timers, two universal serial communication interfaces (USCI), hardware
multiplier, DMA, real time clock module with alarm capabilities, and 63 I/O pins. The MSP430F5514 and
MSP430FF5513 include all of these peripherals but have 47 I/O pins.
Typical applications include analog and digital sensor systems, data loggers, etc. that require connectivity to
various USB hosts.
Family members available are summarized in Table 1.
Table 1. Family Members
USCI
Flash
SRAM
ADC12_A
Comp_B
Package
Channel A:
Channel B:
Device
Timer_A(2)
Timer_B(3)
I/O
(KB)
(KB)(1)
(Ch)
(Ch)
Type
UART/IrDA/
SPI/I2C
SPI
MSP430F5529
128
8 + 2
5, 3, 3
7
2
2
14 ext / 2 int
12
63
80 PN
64 RGC,
MSP430F5528
128
8 + 2
5, 3, 3
7
2
2
10 ext / 2 int
8
47
80 ZQE
MSP430F5527
96
6 + 2
5, 3, 3
7
2
2
14 ext / 2 int
12
63
80 PN
64 RGC,
MSP430F5526
96
6 + 2
5, 3, 3
7
2
2
10 ext / 2 int
8
47
80 ZQE
MSP430F5525
64
4 + 2
5, 3, 3
7
2
2
14 ext / 2 int
12
63
80 PN
64 RGC,
MSP430F5524
64
4 + 2
5, 3, 3
7
2
2
10 ext / 2 int
8
47
80 ZQE
64 RGC,
MSP430F5522
32
8 + 2
5, 3, 3
7
2
2
10 ext / 2 int
8
47
80 ZQE
MSP430F5521
32
6 + 2
5, 3, 3
7
2
2
14 ext/ 2 int
12
63
80 PN
MSP430F5519
128
8 + 2
5, 3, 3
7
2
2
-
12
63
80 PN
MSP430F5517
96
6 + 2
5, 3, 3
7
2
2
-
12
63
80 PN
MSP430F5515
64
4 + 2
5, 3, 3
7
2
2
-
12
63
80 PN
64 RGC,
MSP430F5514
64
4 + 2
5, 3, 3
7
2
2
-
8
47
80 ZQE
64 RGC,
MSP430F5513
32
4 + 2
5, 3, 3
7
2
2
-
8
47
80 ZQE
(1)
The additional 2 KB USB SRAM that is listed can be used as general purpose SRAM when USB is not in use.
(2)
Each number in the sequence represents an instantiation of Timer_A with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
(3)
Each number in the sequence represents an instantiation of Timer_B with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - MSP430F5525IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5525IPN TI-MSP430F5525IPN Datasheet
1Mb / 115P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5525IPN TI-MSP430F5525IPN Datasheet
1Mb / 119P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5525IPN TI1-MSP430F5525IPN Datasheet
2Mb / 128P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5525IPN TI1-MSP430F5525IPN Datasheet
2Mb / 128P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5525IPN TI-MSP430F5525IPN Datasheet
4Mb / 139P
[Old version datasheet]   MSP430F552x, MSP430F551x Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5525IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com