Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1040A-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1040A-Q1
Description  EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1040A-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD1040A-Q1 Datasheet HTML 1Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 2Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 3Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 4Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 5Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 6Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 7Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 8Page - Texas Instruments SN65HVD1040A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DESCRIPTION (CONTINUED)
1
2
3
4
5
6
7
8
SPLIT
CANL
CANH
STB
RXD
V
CC
GND
TXD
D PACKAGE
(TOP VIEW)
SN65HVD1040A-Q1
SLLS889 – JUNE 2008....................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Designed for operation in especially harsh environments, the SN65HVD1040A features cross-wire, over-voltage,
and loss of ground protection from –27 V to 40 V, over-temperature protection, a –12-V to 12-V common-mode
range, and withstands voltage transients according to ISO 7637.
STB (pin 8) provides two different modes of operation: high-speed mode or low-current standby mode. The
high-speed mode of operation is selected by connecting STB (pin 8) to ground.
If a high logic level is applied to the STB pin of the SN65HVD1040A, the device enters a low-current standby
mode, while the receiver remains active in a low-power bus-monitor standby mode.
In the low-current standby mode, a dominant bit greater than 5
µs on the bus is passed by the bus-monitor circuit
to the receiver output. The local protocol controller may then reactivate the device when it needs to transmit to
the bus.
A dominant time-out circuit in the SN65HVD1040A prevents the driver from blocking network communication with
a hardware or software failure. The time-out circuit is triggered by a falling edge on TXD (pin 1). If no rising edge
is seen before the time-out constant of the circuit expires, the driver is disabled. The circuit is then reset by the
next rising edge on TXD.
SPLIT (pin 5) is available as a VCC/2 common-mode bus voltage bias for a split-termination network (see
application information).
ORDERING INFORMATION(1)
MARKED
PART NUMBER
PACKAGE(2)
ORDERING NUMBER
AS
SN65HVD1040A-Q1
SOIC-8
1040AQ
SN65HVD1040AQDRQ1 (reel)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated


Similar Part No. - SN65HVD1040A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1_10 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
More results

Similar Description - SN65HVD1040A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1_10 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
SN65HVD1050-EP TI1-SN65HVD1050-EP Datasheet
717Kb / 21P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050 Datasheet
871Kb / 19P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050_08 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com