Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4727 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC4727
Description  20V/8A Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4727 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC4727 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4727 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4727 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 2SC4727

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4720 ROHM-2SC4720 Datasheet
195Kb / 2P
   TRANSISTORS TO 92L TO-92LS MRT
2SC4720 ROHM-2SC4720 Datasheet
88Kb / 2P
   1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
2SC4721 ROHM-2SC4721 Datasheet
195Kb / 2P
   TRANSISTORS TO 92L TO-92LS MRT
2SC4721 ROHM-2SC4721 Datasheet
88Kb / 2P
   1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
logo
Toshiba Semiconductor
2SC4721P TOSHIBA-2SC4721P Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
More results

Similar Description - 2SC4727

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1798 SANYO-2SA1798 Datasheet
97Kb / 3P
   20V/8A Switching Applications
2SA1823 SANYO-2SA1823 Datasheet
95Kb / 3P
   20V/8A Switching Applications
2SB1166 SANYO-2SB1166 Datasheet
126Kb / 4P
   50V/8A Switching Applications
2SA1825 SANYO-2SA1825 Datasheet
131Kb / 4P
   50V/8A Switching Applications
2SB1140 SANYO-2SB1140 Datasheet
95Kb / 3P
   20V/5A Switching Applications
2SA1854 SANYO-2SA1854 Datasheet
95Kb / 3P
   20V/5A Switching Applications
2SB919 SANYO-2SB919 Datasheet
102Kb / 3P
   30V/8A High-Speed Switching Applications
2SB1267 SANYO-2SB1267 Datasheet
113Kb / 4P
   30V/8A High-Current Switching Applications
2SB1468 SANYO-2SB1468 Datasheet
113Kb / 3P
   30V/8A High-Speed Switching Applications
logo
Mospec Semiconductor
F08A05 MOSPEC-F08A05 Datasheet
129Kb / 2P
   FAST RECOVERY RECTIFIERS(8A,50-20V)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com