Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2MDX04-138-0510 Datasheet(PDF) 2 Page - RMT Ltd.

Part # 2MDX04-138-0510
Description  2MDX04-138-0510
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

2MDX04-138-0510 Datasheet(HTML) 2 Page - RMT Ltd.

  2MDX04-138-0510 Datasheet HTML 1Page - RMT Ltd. 2MDX04-138-0510 Datasheet HTML 2Page - RMT Ltd. 2MDX04-138-0510 Datasheet HTML 3Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
53 Leninskij prosp. Moscow 119991 Russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru
Copyright 2008. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 2 of 3
Thermoelectric Module Datasheet
RMT Ltd
Performance Plots
2MDX04-138-0510
Color Legend: Imax, 0.8 Imax, 0.6 Imax, 0.4 Imax
Performance Plots
2MDX04-138-0816
Temperature difference, K
Temperature difference, K
Current, A
Heat Pumped at the Cold Side, W
Current, A
Heat Pumped at the Cold Side, W
Temperature difference, K
Temperature difference, K


Similar Part No. - 2MDX04-138-0510

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
2MDX04-138-0510 RMT-2MDX04-138-0510 Datasheet
1Mb / 7P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
2MDX04-138-0510 RMT-2MDX04-138-0510 Datasheet
1Mb / 7P
   Blank ceramics (not metallized)
2MDX04-138-0510 RMT-2MDX04-138-0510_12 Datasheet
1Mb / 7P
   Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper
More results

Similar Description - 2MDX04-138-0510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CC4 VISHAY-CC4 Datasheet
76Kb / 3P
   Thin Film 0510 Size Resistor on Alumina
Revision: 27-May-13
logo
RICOH electronics devic...
R5511H RICOH-R5511H Datasheet
24Kb / 1P
   MARK INFORMATION ME-R5511H-0510 R5511H SERIES MARK SPECIFICATION
logo
Molex Electronics Ltd.
0190670099 MOLEX4-0190670099 Datasheet
74Kb / 2P
   3.50mm (.138
logo
Powerbox
PB256 POWERBOX-PB256 Datasheet
141Kb / 1P
   138 WATTS DC UPS
logo
Molex Electronics Ltd.
0334821602 MOLEX4-0334821602 Datasheet
476Kb / 4P
   3.50mm (.138") Pitch MX150?
0334810201 MOLEX4-0334810201 Datasheet
335Kb / 3P
   3.50mm (.138") Pitch MX150?
logo
Murata Manufacturing Co...
SF2190B MURATA-SF2190B Datasheet
626Kb / 5P
   138 MHz SAW Filter
logo
Molex Electronics Ltd.
0334820604 MOLEX4-0334820604 Datasheet
256Kb / 2P
   3.50mm (.138") Pitch MX150?
0334710201 MOLEX4-0334710201 Datasheet
435Kb / 3P
   3.50mm (.138") Pitch MX150?
0334822004 MOLEX4-0334822004 Datasheet
326Kb / 3P
   3.50mm (.138") Pitch MX150?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com