Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT05VG Datasheet(PDF) 5 Page - BeRex Corporation

Part # BT05VG
Description  1500-4000 MHz Wideband Drive Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT05VG Datasheet(HTML) 5 Page - BeRex Corporation

  BT05VG Datasheet HTML 1Page - BeRex Corporation BT05VG Datasheet HTML 2Page - BeRex Corporation BT05VG Datasheet HTML 3Page - BeRex Corporation BT05VG Datasheet HTML 4Page - BeRex Corporation BT05VG Datasheet HTML 5Page - BeRex Corporation BT05VG Datasheet HTML 6Page - BeRex Corporation BT05VG Datasheet HTML 7Page - BeRex Corporation BT05VG Datasheet HTML 8Page - BeRex Corporation BT05VG Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BeRex
BT05VG
http: //www.berex.com
ACLR
Application Circuit: 1900 MHz
Schematic Diagram
BOM
Tolerance
C1
100pF
±5%
C2
2.0pF
±5%
C3
100pF
±5%
C4
1000pF
±5%
C5
10uF
±20%
C6
100pF
±5%
C7
1.2pF
±5%
L1
39nH
5%
L2
1.5nH
2%


Similar Part No. - BT05VG

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT05VG BEREX-BT05VG Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2 Datasheet
759Kb / 13P
   1500-4000 MHz Wideband Drive Amplifier
More results

Similar Description - BT05VG

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT05VG BEREX-BT05VG_1 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_18 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_1 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_16 Datasheet
2Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_18 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2 Datasheet
759Kb / 13P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_16 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05AG BEREX-BT05AG Datasheet
669Kb / 13P
   5-4000 MHz Wideband Drive Amplifier
BT05AG BEREX-BT05AG_1 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BCT05CV BEREX-BCT05CV Datasheet
299Kb / 8P
   5-4000 MHz Wideband Drive Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com