Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BG14B Datasheet(PDF) 4 Page - BeRex Corporation

Part # BG14B
Description  5-4000 MHz Cascadeable InGaP HBT Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG14B Datasheet(HTML) 4 Page - BeRex Corporation

  BG14B Datasheet HTML 1Page - BeRex Corporation BG14B Datasheet HTML 2Page - BeRex Corporation BG14B Datasheet HTML 3Page - BeRex Corporation BG14B Datasheet HTML 4Page - BeRex Corporation BG14B Datasheet HTML 5Page - BeRex Corporation BG14B Datasheet HTML 6Page - BeRex Corporation BG14B Datasheet HTML 7Page - BeRex Corporation BG14B Datasheet HTML 8Page - BeRex Corporation BG14B Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BeRex
BG14B
http: //www.berex.com
Typical Performance (Vc = 5V, Ic = 75mA, Ta = 25C)
Freq
MHz
70
500
900
1900
2140
2450
3500
S21
dB
17.3
17.3
17.0
16.0
15.7
15.2
14.8
S11
dB
-20.0
-18.5
-17.5
-27.5
-23.0
-19.0
-16.0
S22
dB
-13.0
-14.0
-15.0
-10.5
-11.5
-10.0
-13.0
P1
dBm
19.5
19.5
19.5
19.5
19.5
19.5
19.5
OIP3
dBm
37.0
37.5
36.5
35.0
34.5
33.5
32.5
NF
dB
5.0
5.0
5.0
5.2
5.3
5.5
5.8
Typical Performance (Vc = 4.7V, Ic = 67mA, Ta = 25C)
Freq
MHz
70
500
900
1900
2140
2450
3500
S21
dB
16.8
17.1
16.9
15.9
15.7
15.1
13.7
S11
dB
-10.3
-24.8
-24.4
-25.4
-24.0
-25.4
-23.2
S22
dB
-10.6
-11.0
-10.6
-9.7
-9.2
-9.8
-12.6
P1
dBm
17.9
17.9
18.0
18.2
17.6
17.8
17.1
OIP3
dBm
35.5
33.5
33.5
33.0
32.5
32
30.0
NF
dB
5.0
5.0
5.0
5.2
5.3
5.5
5.8
Typical Performance (Vc = 4.5V, Ic = 58mA, Ta = 25C)
Freq
MHz
70
500
900
1900
2140
2450
3500
S21
dB
16.6
17.0
16.8
15.8
15.8
15.1
13.6
S11
dB
-11.0
-26.1
-25.4
-25.3
-23.6
-25.1
-22.6
S22
dB
-9.2
-10.3
-10.4
-9.5
-9.1
-9.7
-12.4
P1
dBm
17.2
17.2
16.6
16.7
16.7
16.8
16.2
OIP3
dBm
33.0
33.0
32.0
31.5
31.5
30.5
29.0
NF
dB
5.0
5.0
5.0
5.2
5.3
5.5
5.8
Typical Performance (Vc = 4.0V, Ic = 37mA, Ta = 25C)
Freq
MHz
70
500
900
1900
2140
2450
3500
S21
dB
15.9
15.9
16.0
15.1
14.8
14.4
13.3
S11
dB
-11.7
-31.4
-29.5
-23.4
-21.8
-23.1
-20.1
S22
dB
-8.6
-9.5
-9.6
-8.8
-8.5
-9.1
-11.8
P1
dBm
12.2
12.6
12.6
12.9
12.3
11.8
12.5
OIP3
dBm
25.5
24.0
24.5
25.0
24.5
25.0
24
NF
dB
5.0
5.0
5.0
5.2
5.3
5.5
5.8


Similar Part No. - BG14B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG14B BEREX-BG14B Datasheet
1Mb / 10P
   5-6000 MHz Cascadable InGaP HBT Gain Block
BG14B BEREX-BG14B Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG14B BEREX-BG14B_15 Datasheet
1Mb / 10P
   5-6000 MHz Cascadable InGaP HBT Gain Block
BG14B BEREX-BG14B_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
More results

Similar Description - BG14B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCG13D BEREX-BCG13D Datasheet
283Kb / 6P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13BM BEREX-BG13BM Datasheet
522Kb / 9P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13B BEREX-BG13B Datasheet
495Kb / 11P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG17A BEREX-BG17A Datasheet
526Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG17C BEREX-BG17C Datasheet
540Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13D BEREX-BG13D Datasheet
678Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG14A BEREX-BG14A Datasheet
508Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG18A BEREX-BG18A Datasheet
689Kb / 10P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
BG18B BEREX-BG18B Datasheet
704Kb / 11P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
BG18D BEREX-BG18D Datasheet
469Kb / 8P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com