Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91627-3001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 91627-3001
Description  5.00mm (.197") Pitch Appli-Mate RAST Power IDT Housing, Direct/Indirect, Female, 5 Circuits, Glow Wire Compatible
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

91627-3001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  91627-3001 Datasheet HTML 1Page - Molex Electronics Ltd. 91627-3001 Datasheet HTML 2Page - Molex Electronics Ltd. 91627-3001 Datasheet HTML 3Page - Molex Electronics Ltd. 91627-3001 Datasheet HTML 4Page - Molex Electronics Ltd. 91627-3001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0916273001
Status:
Active
Overview:
rast_power_connector
Description:
5.00mm (.197") Pitch Appli-Mate® RAST Power IDT Housing, Direct/Indirect, Female, 5
Circuits, Glow Wire Compatible, Fully Coded, Open End Walls
Documents:
3D Model
Product Specification PS-91627-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
IDT and Solder Connectors
Series
91627
Crimp Quality Equipment
Yes
Overview
rast_power_connector
Product Name
RAST 5
Use With
RAST standard interface
Physical
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
Natural (White)
Durability (mating cycles max)
10
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
Yes
Lock to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Pitch - Term. Interface (in)
0.197 In
Pitch - Term. Interface (mm)
5.00 mm
Plating min: Mating (µin)
32
Plating min: Mating (µm)
0.80
Plating min: Termination (µin)
32
Plating min: Termination (µm)
0.80
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
18, 22
Electrical
Current - Maximum per Contact
6A
Voltage - Maximum
250V AC
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91627Series
Mates With
Appli-Mate RAST 2.5 Header 93071
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Appli-Mate Rast
2.5 Power Manual
Terminator
0622030000
RAST 2.5 Semi-
Automatic
Terminator Machine
For Appli-Mate™
Connectors
0623006000


Similar Part No. - 91627-3001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91627-3001 MOLEX-91627-3001 Datasheet
114Kb / 2P
   RAST Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com