Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-502244-002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-502244-002
Description  0.50mm (.020") Pitch Easy-On Type FFC/FPC Connector, For LVDS, 2.33mm (.092") Height, Right Angle, SMT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502244-002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-502244-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502244-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-502244-002 Datasheet HTML 3Page - Molex Electronics Ltd. SD-502244-002 Datasheet HTML 4Page - Molex Electronics Ltd. SD-502244-002 Datasheet HTML 5Page - Molex Electronics Ltd. SD-502244-002 Datasheet HTML 6Page - Molex Electronics Ltd. SD-502244-002 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5022443330
Status:
Active
Description:
0.50mm (.020") Pitch Easy-On™ Type FFC/FPC Connector, For LVDS, 2.33mm (.092")
Height, Right Angle, SMT, ZIF, Bottom Contact Style, 33 Circuits, Lead-free
Documents:
3D Model
Product Specification PS-502244-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
FFC/FPC Connectors
Series
502244
Product Name
Easy-On™
Physical
Circuits (Loaded)
33
Color - Resin
Black, Natural
Contact Position
Bottom
Durability (mating cycles max)
20
Entry Angle
90° Angle
Mated Height (in)
0.092 In
Mated Height (mm)
2.33 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC only
Electrical
Current - Maximum per Contact
0.4A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-502244-001, RPS-502244-001, RPS-502244-002,
RPS-502244-003
Sales Drawing
SD-502244-001, SD-502244-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502244Series
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-502244-002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-502244-002 MOLEX11-SD-502244-002 Datasheet
526Kb / 7P
   0.50mm (.020") Pitch Easy-On Type FFC/FPC Connector, For LVDS, 2.33mm (.092") Height, Right
SD-502244-002 MOLEX11-SD-502244-002 Datasheet
526Kb / 7P
   0.50mm (.020") Pitch Easy-On Type FFC/FPC Connector, For LVDS, 2.33mm (.092") Height, Right Angle, SMT, ZIF
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com