Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-91816-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-91816-001
Description  C-Grid Vertical Header Assembly, Dual Row, 24 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91816-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-91816-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91816-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-91816-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0918160024
Status:
Active
Description:
C-Grid Vertical Header Assembly, Dual Row, 24 Circuits
Documents:
3D Model
Product Specification PS-91816-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
91816
Application
Board-to-Board
Product Name
C-Grid®
Physical
Breakaway
No
Circuits (Loaded)
24
Circuits (maximum)
24
Color - Resin
Black
Glow-Wire Compliant
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.129 In
PC Tail Length (mm)
3.28 mm
PCB Locator
No
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
75.2
Plating min: Termination (µm)
1.88
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +120°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Voltage - Maximum
250V DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-91816-001
Sales Drawing
SD-91816-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91816Series


Similar Part No. - SD-91816-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-91816-001 MOLEX11-SD-91816-001 Datasheet
124Kb / 3P
   C-Grid Vertical Header Assembly, Dual Row, 14 Circuits
More results

Similar Description - SD-91816-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0918160010 MOLEX11-0918160010 Datasheet
124Kb / 3P
   C-Grid Vertical Header Assembly, Dual Row, 10 Circuits
0918160014 MOLEX11-0918160014 Datasheet
124Kb / 3P
   C-Grid Vertical Header Assembly, Dual Row, 14 Circuits
0901301124 MOLEX1-0901301124_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 24 Circuits, Black
0901301224 MOLEX1-0901301224_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 24 Circuits, Black
0901301268 MOLEX1-0901301268_17 Datasheet
32Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 68 Circuits
0901301206 MOLEX1-0901301206_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 6 Circuits
0906280772 MOLEX11-0906280772 Datasheet
158Kb / 4P
   2.54mm (.100") Pitch C-Grid III Header, Dual Row, Vertical, with Kinked PC Tail, 24 Circuits, 0.38um
0713085418 MOLEX8-0713085418 Datasheet
1Mb / 8P
   2.54mm (.100") Pitch C-Grid Header, Surface Mount, Dual Row, Vertical, 18 Circuits
0901301112 MOLEX1-0901301112_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 12 Circuits, Black
0901301314 MOLEX1-0901301314_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 14 Circuits, Black
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com