Electronic Components Datasheet Search |
|
SDA-90814 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SDA-90814 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0908140910 Status: Active Overview: picoflex Description: 1.27mm (.050") Pitch Picoflex® PF-50 SMT Header, Vertical, Low Profile, Surface Mount, Tin, 10 Circuits, Glow Wire Compatible Documents: 3D Model Product Specification PS-99020-0011 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification UL E29179 General Product Family PCB Headers Series 90814 Application Wire-to-Board Application Tooling Part Link 690081070 Comments Low Profile SMT Overview picoflex Product Name Picoflex® Physical Breakaway No Circuits (Loaded) 10 Color - Resin Black, Natural Durability (mating cycles max) 30 First Mate / Last Break No Flammability 94V-0 Glow-Wire Compliant Yes Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Tin Material - Resin High Temperature Thermoplastic Number of Rows 1 Orientation Vertical PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.063 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tube Pitch - Mating Interface (in) 0.050 In Pitch - Mating Interface (mm) 1.27 mm Pitch - Term. Interface (in) 0.050 In Pitch - Term. Interface (mm) 1.27 mm Plating min: Mating (µin) 120 Plating min: Mating (µm) 3 Plating min: Termination (µin) 120 Plating min: Termination (µm) 3 Polarized to Mating Part Yes Polarized to PCB Yes Shrouded Open Ends Stackable No Surface Mount Compatible (SMC) Yes Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 90814Series Mates With 90327 IDT Connector Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Extraction Tool (Plastic) for 90327 Connector, 4-26 Circuit 0690081070 |
Similar Part No. - SDA-90814 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |