Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0986581211 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0986581211
Description  MOX Crimp Terminal, Female, 0.635mm (.025"), 20-24 AWG (0.22-0.60mm짼), Reel, Tin (Sn)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0986581211 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0986581211 Datasheet HTML 1Page - Molex Electronics Ltd. 0986581211 Datasheet HTML 2Page - Molex Electronics Ltd. 0986581211 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0986581211
Status:
Active
Overview:
mox_crimp_terminals
Description:
MOX Crimp Terminal, Female, 0.635mm (.025"), 20-24 AWG (0.22-0.60mm²;), Reel,
Tin (Sn)
Documents:
Packaging Specification (PDF)
Product Specification PS-98658-005 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-500993-002 (PDF)
General
Product Family
Crimp Terminals
Series
98658
Comments
Terminal has Stainless Steel Sleeve
Crimp Quality Equipment
Yes
Overview
mox_crimp_terminals
Product Name
MOX
Physical
Durability (mating cycles max)
20
Gender
Female
Material - Metal
High Performance Alloy (HPA), Stainless Steel
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
40.00
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40.00
Plating min: Termination (µm)
1.00
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.20-1.80mm (.047-.071")
Wire Size AWG
N/A
Wire Size mm²
0.22 TO 0.60
Electrical
Current - Maximum per Contact
7.5A
Material Info
Reference - Drawing Numbers
Application Specification
AS-500993-001, AS-500993-002, AS-98944-005
Packaging Specification
PK-98658-006
Product Specification
PS-500993-002, PS-98658-005, RPS-500993-001
Sales Drawing
SD-98658-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
98658Series
Use With
all 0.635mm (.025") MOX Housings
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extractor Tool
for 2.8mm Crimp
Terminals
0638136900
Extractor Tool
for 2.8mm Crimp
Terminals
0638137000
FineAdjust™
Applicator
0638666000
Hand Crimp Tool
0638119300
MOX Extraction Tool 0638132600


Similar Part No. - 0986581211

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0986581211 MOLEX1-0986581211 Datasheet
35Kb / 2P
   MOX Crimp Terminal, Female, 0.635mm, 20-24 AWG (0.22-0.60mm짼), Reel, Tin (Sn)
0986581211 MOLEX1-0986581211_18 Datasheet
35Kb / 2P
   MOX Crimp Terminal, Female, 0.635mm, 20-24 AWG (0.22-0.60mm짼), Reel, Tin (Sn)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com