Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-120090-004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-120090-004
Description  Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male 0.30m (11.81") Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120090-004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-120090-004 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120090-004 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200905073
Status:
Active
Overview:
nanochange_40m841_products
Description:
Nano-Change® (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male
0.30m (11.81") Length, Back Mount, with 3 Poles on Mating Side
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Industrial Receptacles
Series
120090
IP Rating
IP67
NEMA Rating
NEMA 6
Overview
nanochange_40m841_products
Product Name
Nano-Change® (M8)
Type
Single Ended (pigtail)
Physical
Coupling Type
External Thread
Gender
Male
Keyway
None
Length
0.20m (7.87")
Material - Component
Nickel-plated Brass
Mounting Thread Size
M8 x 1.0
Orientation
Straight
Panel Mount
Back
Poles
3
Temperature Range - Operating
-25°C to +90°C
Wire Size AWG
24
Wire/Cable Type
Leads
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
60V AC / 75V DC
Material Info
Old Part Number
4R3F46E02C200
Reference - Drawing Numbers
Sales Drawing
SD-120090-004
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120090Series
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-120090-004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-120090-004 MOLEX11-SD-120090-004 Datasheet
110Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 1.0 Mounting Threads, Straight Male, Male 0.20m (7.87") Length, Back
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com